Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802S-VYY Datasheet(PDF) 1 Page - STMicroelectronics

Part # FDA802S-VYY
Description  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802S-VYY Datasheet(HTML) 1 Page - STMicroelectronics

  FDA802S-VYY Datasheet HTML 1Page - STMicroelectronics FDA802S-VYY Datasheet HTML 2Page - STMicroelectronics FDA802S-VYY Datasheet HTML 3Page - STMicroelectronics FDA802S-VYY Datasheet HTML 4Page - STMicroelectronics FDA802S-VYY Datasheet HTML 5Page - STMicroelectronics FDA802S-VYY Datasheet HTML 6Page - STMicroelectronics FDA802S-VYY Datasheet HTML 7Page - STMicroelectronics FDA802S-VYY Datasheet HTML 8Page - STMicroelectronics FDA802S-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LQFP64 (exposed pad up)
GAPGPS01631
Features
•
AEC-Q100 qualified
•
Integrated 110 dB D/A conversion
•
I2S and TDM digital input (3.3/1.8 V)
•
Input sampling frequency: 44.1 kHz, 48 kHz, 96 kHz and 192 kHz
•
Full I2C bus driving (3.3/1.8 V) with 8 different I2C bus addresses
•
Operating supply range: 5.5 V - 25 V
•
EMI compliance evaluated following normative:
–
CISPR25 Class V
–
ISO 11452 2
•
Low radiation function (LRF)
•
Very low quiescent current
•
Output lowpass filter is included in the feedback for outstanding audio
performance
•
Operation under standard car battery with high output power:
–
2 x 22 W /4 Ω @ 14 V, 1 kHz THD = 1%
–
2 x 28 W /4 Ω @ 14 V, 1 kHz THD = 10%
–
2 x 37 W /2 Ω @ 14 V, 1 kHz THD = 1%
–
2 x 46 W /2 Ω @ 14 V, 1 kHz THD = 10%
•
Possibility to drive 2 Ω loads (up to 18 V)
•
Parallel mode for 1 Ω loads (up to 18 V)
•
I2C bus diagnostics:
–
Short to VCC/GND diagnostic
–
DC load diagnostic
–
AC load diagnostic (working both with internally and externally generated
tone)
•
Integrated fault protection
•
Input and output offset detector
•
Clipping detector
•
Short circuit and ESD integrated protections
Description
The FDA802S is a dual bridge class D amplifier, designed in the most advanced BCD
technology specially intended for car radio applications.The FDA802S integrates a
high performance D/A converter together with powerful MOSFET outputs in class D,
to get an outstanding efficiency compared with the standard class AB.
The integrated D/A converter allows to reach outstanding performances (110 dB S/N
ratio with 108 dB of dynamic range). Thanks to the high-voltage MOSFET output
stages it can operate both under standard car battery (6-18 V) and under boosted
power supply (up to 25 V) to reach the highest possible power with integrated
solution. The feedback loop includes the output L-C low-pass filter, allowing superior
frequency response linearity and lower distortion independently from the inductor and
capacitor quality.
Product status link
FDA802S
Device summary
Order code
Package
Packing
FDA802S-VYY
LQFP64
(exposed
pad up)
Tray
FDA802S-VYT
Tape &
Reel
2 channels class-D digital input automotive power amplifier with I2C diagnostics
and low voltage operation for car radio applications
FDA802S
Data brief
DB4552 - Rev 1 - August 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - FDA802S-VYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA802SB STMICROELECTRONICS-FDA802SB Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802SBVYT STMICROELECTRONICS-FDA802SBVYT Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802SBVYY STMICROELECTRONICS-FDA802SBVYY Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
More results

Similar Description - FDA802S-VYY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802SB STMICROELECTRONICS-FDA802SB Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803Q STMICROELECTRONICS-FDA803Q Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com