Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802SBVYY Datasheet (PDF) - STMicroelectronics

FDA802SBVYY Datasheet PDF - STMicroelectronics
Part # FDA802SBVYY
Download  FDA802SBVYY Download
File Size   276.82 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications

FDA802SBVYY Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA802SBVYY Datasheet PDF - STMicroelectronics

Part # FDA802SBVYY
Download  FDA802SBVYY Click to download

File Size   276.82 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications

FDA802SBVYY Datasheet (HTML) - STMicroelectronics


FDA802SBVYY Product details

Features
• AEC-Q100 qualified
• Integrated 110 dB D/A conversion
• I2S and TDM digital input (3.3/1.8 V)
• Input sampling frequency: 44.1 kHz, 48 kHz, 96 kHz and 192 kHz
• Full I2C bus driving (3.3/1.8 V) with 8 different I2C bus addresses
• Operating supply range: 5.5 V - 25 V
• EMI compliance evaluated following normative:
– CISPR25 Class V
– ISO 11452 2
• Low radiation function (LRF)
• Very low quiescent current
• Output lowpass filter is included in the feedback for outstanding audio
performance
• Operation under standard car battery with high output power:
– 2 x 22 W /4 Ω @ 14 V, 1 kHz THD = 1%
– 2 x 28 W /4 Ω @ 14 V, 1 kHz THD = 10%
– 2 x 37 W /2 Ω @ 14 V, 1 kHz THD = 1%
– 2 x 46 W /2 Ω @ 14 V, 1 kHz THD = 10%
• Possibility to drive 2 Ω loads (up to 18 V)
• Parallel mode for 1 Ω loads (up to 18 V)
• I2C bus diagnostics:
– Short to VCC/GND diagnostic
– DC load diagnostic
– AC load diagnostic (working both with internally and externally generated
tone)
– Digital impedance-meter (DIM)
• Integrated fault protection
• Input and output offset detector
• Clipping detector
• Short circuit and ESD integrated protections

Description
The FDA802SB is a dual bridge class D amplifier, designed in the most advanced
BCD technology specially intended for car radio applications.The FDA802SB
integrates a high performance D/A converter together with powerful MOSFET outputs
in class D, to get an outstanding efficiency compared with the standard class AB.
The integrated D/A converter allows to reach outstanding performances (110 dB S/N
ratio with 108 dB of dynamic range). Thanks to the high-voltage MOSFET output
stages it can operate both under standard car battery (6-18 V) and under boosted
power supply (up to 25 V) to reach the highest possible power with integrated
solution. The feedback loop includes the output L-C low-pass filter, allowing superior
frequency response linearity and lower distortion independently from the inductor and
capacitor quality.
FDA802SB is fully configurable through I2C bus interface and integrates a complete
diagnostics array specially intended for automotive applications. Thanks to the
solutions implemented to solve the EMI problems, the device is intended to be
used in the standard single DIN car-radio box together with the tuner. Moreover the
FDA802SB is able to work with power supply as low as 5.5 V, thus supporting the
most recent low voltage ('start-stop') car-makers specification.




Similar Part No. - FDA802SBVYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802S-VYT STMICROELECTRONICS-FDA802S-VYT Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802S-VYY STMICROELECTRONICS-FDA802S-VYY Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
More results


Similar Description - FDA802SBVYY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803Q STMICROELECTRONICS-FDA803Q Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com