Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802SBVYY Datasheet(PDF) 7 Page - STMicroelectronics

Part # FDA802SBVYY
Description  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802SBVYY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button FDA802SBVYY Datasheet HTML 3Page - STMicroelectronics FDA802SBVYY Datasheet HTML 4Page - STMicroelectronics FDA802SBVYY Datasheet HTML 5Page - STMicroelectronics FDA802SBVYY Datasheet HTML 6Page - STMicroelectronics FDA802SBVYY Datasheet HTML 7Page - STMicroelectronics FDA802SBVYY Datasheet HTML 8Page - STMicroelectronics FDA802SBVYY Datasheet HTML 9Page - STMicroelectronics FDA802SBVYY Datasheet HTML 10Page - STMicroelectronics FDA802SBVYY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
3
Electrical specifications
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
-0.3 to 26(1)
V
Vpeak(2)
Transient supply voltage (for t = 50 ms) not operating
60
V
Gndmax
Ground pin voltage difference
-0.3 to 0.3
V
Vi2c
I2C bus pins voltage
-0.3 to 5.5
V
Vi2s
I2S bus pins voltage
-0.3 to 5.5
V
Enable 1, 2, 3, 4
Enable pins voltage
-0.3 to 5.5
V
VCD
CD/DIAG pin
-0.3 to 5.5
V
IO
Output current (repetitive f > 10 Hz)
Internally limited
A
Tamb
Ambient operating temperature
-40 to 105
°C
Tstg,Tj
Storage and junction temperature
-55 to 150
°C
ESDHBM
ESD protection HBM(3)
2000
V
ESDCDM
ESD protection CDM(3)
500
V
1. Refer to section 5 (Load possibilities and operating range, DS12939) for I2C configuration of operating supply range.
2. Max rating valid for Vbattery/AVdd/DVdd/Vccx.
3. Conforming to ESD standard.
3.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Typ
Max
Unit
Rth j-case
Thermal resistance junction-to-case
1.15
1.6
°C/W
FDA802SB
Electrical specifications
DB4551 - Rev 1
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com