Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802SB Datasheet(PDF) 2 Page - STMicroelectronics

Part # FDA802SB
Description  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802SB Datasheet(HTML) 2 Page - STMicroelectronics

  FDA802SB Datasheet HTML 1Page - STMicroelectronics FDA802SB Datasheet HTML 2Page - STMicroelectronics FDA802SB Datasheet HTML 3Page - STMicroelectronics FDA802SB Datasheet HTML 4Page - STMicroelectronics FDA802SB Datasheet HTML 5Page - STMicroelectronics FDA802SB Datasheet HTML 6Page - STMicroelectronics FDA802SB Datasheet HTML 7Page - STMicroelectronics FDA802SB Datasheet HTML 8Page - STMicroelectronics FDA802SB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
The integrated D/A converter allows to reach outstanding performances (110 dB S/N
ratio with 108 dB of dynamic range). Thanks to the high-voltage MOSFET output
stages it can operate both under standard car battery (6-18 V) and under boosted
power supply (up to 25 V) to reach the highest possible power with integrated
solution. The feedback loop includes the output L-C low-pass filter, allowing superior
frequency response linearity and lower distortion independently from the inductor and
capacitor quality.
FDA802SB is fully configurable through I2C bus interface and integrates a complete
diagnostics array specially intended for automotive applications. Thanks to the
solutions implemented to solve the EMI problems, the device is intended to be
used in the standard single DIN car-radio box together with the tuner. Moreover the
FDA802SB is able to work with power supply as low as 5.5 V, thus supporting the
most recent low voltage ('start-stop') car-makers specification.
FDA802SB
DB4551 - Rev 1
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com