Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802SB Datasheet(PDF) 1 Page - STMicroelectronics

Part # FDA802SB
Description  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802SB Datasheet(HTML) 1 Page - STMicroelectronics

  FDA802SB Datasheet HTML 1Page - STMicroelectronics FDA802SB Datasheet HTML 2Page - STMicroelectronics FDA802SB Datasheet HTML 3Page - STMicroelectronics FDA802SB Datasheet HTML 4Page - STMicroelectronics FDA802SB Datasheet HTML 5Page - STMicroelectronics FDA802SB Datasheet HTML 6Page - STMicroelectronics FDA802SB Datasheet HTML 7Page - STMicroelectronics FDA802SB Datasheet HTML 8Page - STMicroelectronics FDA802SB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LQFP64 (exposed pad up)
GAPGPS01631
Features
•
AEC-Q100 qualified
•
Integrated 110 dB D/A conversion
•
I2S and TDM digital input (3.3/1.8 V)
•
Input sampling frequency: 44.1 kHz, 48 kHz, 96 kHz and 192 kHz
•
Full I2C bus driving (3.3/1.8 V) with 8 different I2C bus addresses
•
Operating supply range: 5.5 V - 25 V
•
EMI compliance evaluated following normative:
–
CISPR25 Class V
–
ISO 11452 2
•
Low radiation function (LRF)
•
Very low quiescent current
•
Output lowpass filter is included in the feedback for outstanding audio
performance
•
Operation under standard car battery with high output power:
–
2 x 22 W /4 Ω @ 14 V, 1 kHz THD = 1%
–
2 x 28 W /4 Ω @ 14 V, 1 kHz THD = 10%
–
2 x 37 W /2 Ω @ 14 V, 1 kHz THD = 1%
–
2 x 46 W /2 Ω @ 14 V, 1 kHz THD = 10%
•
Possibility to drive 2 Ω loads (up to 18 V)
•
Parallel mode for 1 Ω loads (up to 18 V)
•
I2C bus diagnostics:
–
Short to VCC/GND diagnostic
–
DC load diagnostic
–
AC load diagnostic (working both with internally and externally generated
tone)
–
Digital impedance-meter (DIM)
•
Integrated fault protection
•
Input and output offset detector
•
Clipping detector
•
Short circuit and ESD integrated protections
Description
The FDA802SB is a dual bridge class D amplifier, designed in the most advanced
BCD technology specially intended for car radio applications.The FDA802SB
integrates a high performance D/A converter together with powerful MOSFET outputs
in class D, to get an outstanding efficiency compared with the standard class AB.
Product status link
FDA802SB
Device summary
Order code
Package
Packing
FDA802SB-
VYY
LQFP64
(exposed
pad up)
Tray
FDA802SB-
VYT
Tape &
Reel
2 channels class-D digital input automotive power amplifier with I2C diagnostics
and low voltage operation for car radio applications
FDA802SB
Data brief
DB4551 - Rev 1 - August 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - FDA802SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802S-VYT STMICROELECTRONICS-FDA802S-VYT Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802S-VYY STMICROELECTRONICS-FDA802S-VYY Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
More results

Similar Description - FDA802SB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803Q STMICROELECTRONICS-FDA803Q Datasheet
327Kb / 16P
1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2021
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com