Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803D Datasheet(PDF) 49 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 49 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 45Page - STMicroelectronics FDA803D Datasheet HTML 46Page - STMicroelectronics FDA803D Datasheet HTML 47Page - STMicroelectronics FDA803D Datasheet HTML 48Page - STMicroelectronics FDA803D Datasheet HTML 49Page - STMicroelectronics FDA803D Datasheet HTML 50Page - STMicroelectronics FDA803D Datasheet HTML 51Page - STMicroelectronics FDA803D Datasheet HTML 52Page - STMicroelectronics FDA803D Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
DocID031487 Rev 2
49/78
FDA803D
Additional features
77
12
Additional features
12.1
AM operation mode
The device provides special functions in order to avoid EM interferences when the radio is
tuned on an AM station.
The first function consists in allowing the user to select a proper PWM switching frequency
through I2C interface, depending on the AM station selected by the tuner. The PWM
switching frequency selection is available only in case the I2S frame clock is 44.1 kHz or 48
kHz, as shown in Figure 60.
Figure 60. PWM switching frequency selection
Actually, the PWM spectrum of the output square wave can be controlled in AM band just in
case it is possible to fix the switching frequency, in other words without skipping any power
stage commutation (typical phenomenon for a class D amplifier close to the clipping). The
device provides an additional function called LRF (Low Radiation Function). This I2C option
assures a minimum duty cycle for the PWM output square wave avoiding any missing
pulses.
Figure 61. LRF effect on PWM output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com