Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803D Datasheet(PDF) 27 Page - STMicroelectronics

Part # FDA803D
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button FDA803D Datasheet HTML 23Page - STMicroelectronics FDA803D Datasheet HTML 24Page - STMicroelectronics FDA803D Datasheet HTML 25Page - STMicroelectronics FDA803D Datasheet HTML 26Page - STMicroelectronics FDA803D Datasheet HTML 27Page - STMicroelectronics FDA803D Datasheet HTML 28Page - STMicroelectronics FDA803D Datasheet HTML 29Page - STMicroelectronics FDA803D Datasheet HTML 30Page - STMicroelectronics FDA803D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
DocID031487 Rev 2
27/78
FDA803D
Finite state machine
77
7.5
MUTE-PLAY and diagnostic states
The amplifier can move from ECO-mode state to MUTE state selecting "PWM-ON" via I2C.
This operation turns-on the output PWM.
FDA803D can move to PLAY state (from MUTE state) via "PLAY" I2C command and returns
to MUTE state from PLAY state acting on the same bit.
Transition time between mute and play states could be selected via I2C.
Some external conditions could lead the amplifier in mute state automatically:
Low battery mute
High battery mute
Thermal mute
Hardware pin mute
Once mute condition is no more present the FDA803D will return automatically in PLAY
state, following I2C register program set.
Of course the user can decide to change the amplifier programming in the meanwhile, thus
avoiding the automatic return in PLAY.
From MUTE state the user can also select to enter DC diagnostic state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com