Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803Q Datasheet(PDF) 11 Page - STMicroelectronics

Part # FDA803Q
Description  1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803Q Datasheet(HTML) 11 Page - STMicroelectronics

Back Button FDA803Q Datasheet HTML 7Page - STMicroelectronics FDA803Q Datasheet HTML 8Page - STMicroelectronics FDA803Q Datasheet HTML 9Page - STMicroelectronics FDA803Q Datasheet HTML 10Page - STMicroelectronics FDA803Q Datasheet HTML 11Page - STMicroelectronics FDA803Q Datasheet HTML 12Page - STMicroelectronics FDA803Q Datasheet HTML 13Page - STMicroelectronics FDA803Q Datasheet HTML 14Page - STMicroelectronics FDA803Q Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DB4487 Rev 1
11/16
FDA803Q
Electrical specifications
15
5
Electrical specifications
5.1
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCCmax [VCCP ,VCCM, AVDD,
DVDD]
DC supply voltage
-0.3 to 28
V
Transient supply voltage for t = 100 ms(1)
1. VCC = 35 V for t < 400 ms as per ISO16750-2 load dump with centralized load dump suppression.
-0.3 to 40
V
GNDmax [DGND, AGND,
GNDP, GNDM]
Ground pin voltage difference
-0.3 to 0.3
V
∆VCCmax [DVDD-AVDD,
VCCP-DVDD, VCCP-AVDD,
VCCM-DVDD, VCCM-
AVDD, VCCP-VCCM]
Supply pins voltage difference
-0.3 to 0.3
V
∆GNDmax [AGND-DGND,
GNDP-AGND, GNDP-
DGND, GNDM-DGND,
GNDM-AGND, GNDP-
GNDM]
Ground pin voltage difference
-0.3 to 0.3
V
VI2C [I2Cdata, I2Cclk]
I2C bus pins voltage
-0.3 to 5.5
V
VI2S [I2SdataIN, I2Sclk,
I2Sws, SyncOUT]
I2S bus pins voltage and Synchronization
pin
-0.3 to 5.5
V
Enable [Enable1, Enable2,
Enable3, Enable4]
Enables
-0.3 to 5.5
V
Vmute [HWMute]
Hardware mute
-0.3 to 7
V
VCD [CDDiag]
CD/DIAG pins voltage
-0.3 to 5.5
V
Io
Output current (repetitive f > 10 Hz)
Internally limited
A
Tamb
Ambient operating temperature
-40 to 125
°C
Tstg, Tj
Storage and junction temperature
-55 to 150
°C
ESDHBM
ESD protection HBM
2000
V
ESDCDM
ESD protection CDM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com