Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803Q Datasheet(PDF) 12 Page - STMicroelectronics

Part # FDA803Q
Description  1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803Q Datasheet(HTML) 12 Page - STMicroelectronics

Back Button FDA803Q Datasheet HTML 8Page - STMicroelectronics FDA803Q Datasheet HTML 9Page - STMicroelectronics FDA803Q Datasheet HTML 10Page - STMicroelectronics FDA803Q Datasheet HTML 11Page - STMicroelectronics FDA803Q Datasheet HTML 12Page - STMicroelectronics FDA803Q Datasheet HTML 13Page - STMicroelectronics FDA803Q Datasheet HTML 14Page - STMicroelectronics FDA803Q Datasheet HTML 15Page - STMicroelectronics FDA803Q Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Electrical specifications
FDA803Q
12/16
DB4487 Rev 1
5.2
Maximum operating voltage
5.3
Thermal data
2s2p is referred to a board with 2 layers dedicated to the signals and 2 layers dedicated to
the power signals and supplies.
Table 4. Maximum operating voltage
Symbol
Parameter
Value
Unit
VCCmax [VCCP ,VCCM, AVDD,
DVDD]
DC supply voltage
18
V
VI2C [I2Cdata, I2Cclk]
I2C bus pins voltage
3.6
V
VI2S [I2SdataIN, I2Sclk,
I2Sws, SyncOUT]
I2S bus pins voltage and Synchronization
pin
3.6
V
Enable [Enable1, Enable2,
Enable3, Enable4]
Enables
3.6
V
Vmute [HWMute]
Hardware mute
5
V
VCD [CDDiag]
CD/DIAG pins voltage
3.6
V
Table 5. Thermal data - QFN48 slug-down package
Symbol
Parameter
Value
Unit
Rth j-a-2s2pv Thermal resistance junction-to-ambient (2s2p+vias)
28.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com