Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803Q-V0T Datasheet(PDF) 13 Page - STMicroelectronics

Part # FDA803Q-V0T
Description  1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803Q-V0T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button FDA803Q-V0T Datasheet HTML 8Page - STMicroelectronics FDA803Q-V0T Datasheet HTML 9Page - STMicroelectronics FDA803Q-V0T Datasheet HTML 10Page - STMicroelectronics FDA803Q-V0T Datasheet HTML 11Page - STMicroelectronics FDA803Q-V0T Datasheet HTML 12Page - STMicroelectronics FDA803Q-V0T Datasheet HTML 13Page - STMicroelectronics FDA803Q-V0T Datasheet HTML 14Page - STMicroelectronics FDA803Q-V0T Datasheet HTML 15Page - STMicroelectronics FDA803Q-V0T Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DB4487 Rev 1
13/16
FDA803Q
Package information
15
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
6.1
VFQFPN (7x7x1.0 48L - opt. D) package information
Figure 4. VFQFPN (7x7x1.0 48L - opt. D) package outline
COPLANARITY SHALL NOT EXCEED 0.08 mm.
1. ALL DIMENSIONS ARE IN mm. ANGLES IN DEGREES.
3. WARPAGE SHALL NOT EXCEED 0.10 mm.
2. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
NOTE :
4. REFER JEDEC MO-220.
24
12
48
36
E
A
A1
1
INDEX AREA
C
ddd
48X
C
0.10 C
B
A
A3
DETAIL A
0.20 Ref
Terminal Length
DETAIL A
0.5±0.05
0.05 Ref
Terminal Thickness
b
12
48
36
24
L
e
1
R0.125
E2
E2
C0.35
0.48 Ref.
0.18 Ref.
0.30 Ref.
A
0.10 M C
B
48X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com