Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9177TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9177TR
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9177TR Datasheet HTML 17Page - STMicroelectronics L9177TR Datasheet HTML 18Page - STMicroelectronics L9177TR Datasheet HTML 19Page - STMicroelectronics L9177TR Datasheet HTML 20Page - STMicroelectronics L9177TR Datasheet HTML 21Page - STMicroelectronics L9177TR Datasheet HTML 22Page - STMicroelectronics L9177TR Datasheet HTML 23Page - STMicroelectronics L9177TR Datasheet HTML 24Page - STMicroelectronics L9177TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
DocID17617 Rev 1
21/49
L9177
Electrical specifications
48
3.5.13
Tachometer driver
3.5.14
Stepper motor driver
Table 19. Tachometer driver electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ioc
Overcurrent threshold
-
100
-
500
mA
Ron
On resistance
I = 25 mA
-
-
5
Ω
Ilk_off
Leakage current
Vout = 18 V, diagnosis OFF
-
-
10
μA
Ilk_on
Leakage current
Vout = 18 V, diagnosis ON
-
-
100
μA
ton_off
Turn on-off delay
From CMD (serial or
parallel) rising edge
--
6
μs
VOL
Open load output voltage driver in OFF condition
0.46*VDD
0.5*VDD
0.54*VDD
V
Vdiagth_H(1) Diagnostic high threshold Driver in OFF condition
0.54*VDD
0.6*VDD
0.66*VDD
V
Vdiagth_L(1) Diagnostic low threshold Driver in OFF condition
0.36*VDD
0.4*VDD
0.44*VDD
V
1. Vdiagth_L<Vout<Vdiagth_H  Open Load; Vout<Vdiagth_L  Short to GND
Table 20. Stepper motor driver electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ioc
Overcurrent threshold
ON condition
0.85
-
2
A
RdsON
On resistance HS+LS
Iout = 0.5 A,
Tj = 150 °C, VB = 14 V
-
-
2.6
Ω
fstepper
Working frequency
Application note
-
-
20
kHz
Vout_off(1)
OUTA_B_C_D output
voltage
OUTA short to OUTB;
OUTC short to OUTD;
Stepper driver disable
0.44*VDD
0.5*VDD 0.54*VDD
V
Vdiagth_H
Diagnostic high threshold
Driver in OFF condition
0.54*VDD
0.6*VDD 0.66*VDD
V
Vdiagth_L
Diagnostic low threshold
Driver in OFF condition
0.36*VDD
0.4*VDD 0.44*VDD
V
IDSS_OUT
Output leakage current
Driver in OFF condition
-
-
10
μA
tscvb
Over current switch_off time Guaranteed by scan
-
-
25
μs
trb
Rise output time
VB = 12 V, RI = 39 Ω
--
15
μs
tfb
Fall output time
VB = 12 V, RI = 39 Ω
--
15
μs
trb-a
Rise output time
Tamb = 25 °C,
VB = 12 V, RI = 39 Ω
--
10
μs
tfb-a
Fall output time
-
-
10
μs
tpHLb
Turn-off in/out delay time
VB = 12 V, RI = 39 Ω
--
15
μs
tpLHb
Turn-off in/out delay time
-
-
15
μs
Vreverse_HS Reverse HS diode drop
Driver in OFF condition
Iinjected = 0.5 A
-
-
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com