Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA008ZS Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPA008ZS
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008ZS Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPA008ZS Datasheet HTML 12Page - STMicroelectronics STPA008ZS Datasheet HTML 13Page - STMicroelectronics STPA008ZS Datasheet HTML 14Page - STMicroelectronics STPA008ZS Datasheet HTML 15Page - STMicroelectronics STPA008ZS Datasheet HTML 16Page - STMicroelectronics STPA008ZS Datasheet HTML 17Page - STMicroelectronics STPA008ZS Datasheet HTML 18Page - STMicroelectronics STPA008ZS Datasheet HTML 19Page - STMicroelectronics STPA008ZS Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
General information
STPA008ZS
16/25
DS13138 Rev 2
operational, only the maximum output power is reduced according to the available voltage
supply.
If the battery voltage drops below the minimum operating voltage of 6V the amplifier is fast
muted, the capacitor on SVR is discharged and the amplifier restarts when the battery
voltage returns to the correct voltage.
4.2.2
Cranks
STPA008ZS can sustain worst case cranks from 16 V to 6 V, continuing to play and without
producing any pop noise.
Examples of battery cranking curves are shown below, indicating the shape and duration of
allowed battery transitions.
Figure 20. Battery cranking curve example 1
V1 = 16 V; V2 = 6 V; V3 = 7 V; V4 = 8 V
t1 = 2 ms; t2 = 50 ms; t3 = 5 ms; t4 = 300 ms; t5 =10 ms; t6 = 1 s; t7 = 2 ms
Figure 21. Battery cranking curve example 2
V1 = 16 V; V2 = 6 V; V3 = 7 V
t1 = 2 ms; t2 = 5 ms; t3 = 15 ms; t5 = 1 s; t6 = 50 ms
GAPGPS00674
V
V1
V2
V3
V4
t1
t2
t3
t4 t
5
t6
t7
(V)
batt
t (s)
GAPGPS00675
V
(V)
t (s)
V1
V2
V3
t1
t2
t3
t5
t6
batt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com