Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA008ZS Datasheet (PDF) - STMicroelectronics

STPA008ZS Datasheet PDF - STMicroelectronics
Part # STPA008ZS
Download  STPA008ZS Download
File Size   546.78 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W MOSFET quad bridge power amplifier

STPA008ZS Datasheet (PDF)

Go To PDF Page Download Datasheet
STPA008ZS Datasheet PDF - STMicroelectronics

Part # STPA008ZS
Download  STPA008ZS Click to download

File Size   546.78 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W MOSFET quad bridge power amplifier

STPA008ZS Datasheet (HTML) - STMicroelectronics


STPA008ZS Product details

Features
 AEC-Q100 qualified
 High output power capability:
– 4 x 50 W/4 Ω Max.
– 4 x 28 W/4 Ω @ 14.4 V, 1 kHz, 10 %
– 4 x 72 W/2 Ω Max.
 MOSFET output power stage
 2 Ω driving capability
 Capable to operate down to 6 V (suitable for
start-stop car operation)
 Excellent GSM noise immunity
 Hi-Fi class distortion
 Low output noise
 High immunity to RF noise injection
 Standby function
 Mute function
 Automute at min. supply voltage detection
 Low external component count
 Internally fixed gain (26 dB)
 Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump
– Fortuitous open GND
– Reversed battery
– ESD

Description
STPA008ZS is a breakthrough MOSFET
technology class AB audio power amplifier
designed for high power car radio. The fully
complementary P-Channel/N-Channel output
structure allows a rail to rail output voltage swing
which, combined with high output current and
minimized saturation losses sets new power
references in the car-radio field, with unparalleled
distortion performances.
STPA008ZS can operate down to 6V and this
makes the IC compliant to the most recent OEM
specifications for low voltage operation (so called
'start-stop' battery profile during engine stop),
helping car manufacturers to reduce the overall
emissions and thus to contribute to environment
protection.




Similar Part No. - STPA008ZS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008-48X STMICROELECTRONICS-STPA008-48X Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008-4WX STMICROELECTRONICS-STPA008-4WX Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008-QIX STMICROELECTRONICS-STPA008-QIX Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
More results


Similar Description - STPA008ZS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com