Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7854 Datasheet (PDF) - STMicroelectronics

TDA7854 Datasheet PDF - STMicroelectronics
Part # TDA7854
Download  TDA7854 Download
File Size   167.27 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 47W MOSFET quad bridge power amplifier

TDA7854 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7854 Datasheet PDF - STMicroelectronics

Part # TDA7854
Download  TDA7854 Click to download

File Size   167.27 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 47W MOSFET quad bridge power amplifier

TDA7854 Datasheet (HTML) - STMicroelectronics


TDA7854 Product details

Description

The TDA7854 is a breakthrough MOSFET technology class AB audio power amplifier in Flexiwatt 25 package designed for high power car radio. The fully complementary P-Channel/N Channel output structure allows a rail to rail output voltage swing which, combined with high output current and minimized saturation losses sets new power references in the car-radio field,

with unparalleled distortion performances.



Features

■ Multipower BCD technology

■ High output power capability:

–4 x 47W/4Ωmax.

–4 x 80W/2Ωmax.

■ MOSFET output power stage

■ Excellent 2Ωdriving capability

■ Hi-fi class distortion

■ Low output noise

■ St-by function

■ Mute function

■ Automute at min. supply voltage detection

■ Low external component count:

– Internally fixed gain (26dB)

– No external compensation

– No bootstrap capacitors



Protections:

■ Output short circuit to GND, to Vs, across the load

■ Very inductive loads

■ Overrating chip temperature with soft thermal limiter

■ Load dump voltage

■ Fortuitous open GND

■ Reversed battery

■ ESD




Similar Part No. - TDA7854

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
399Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier
17-Sep-2013
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
363Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier
17-Sep-2013
TDA7850AH STMICROELECTRONICS-TDA7850AH Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
More results


Similar Description - TDA7854

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com