Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7851A Datasheet (PDF) - STMicroelectronics

TDA7851A Datasheet PDF - STMicroelectronics
Part # TDA7851A
Download  TDA7851A Download
File Size   324.5 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 48 W MOSFET quad bridge power amplifier

TDA7851A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7851A Datasheet PDF - STMicroelectronics

Part # TDA7851A
Download  TDA7851A Click to download

File Size   324.5 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 48 W MOSFET quad bridge power amplifier

TDA7851A Datasheet (HTML) - STMicroelectronics


TDA7851A Product details

Features
Multipower BCD technology
High output power capability:
– 4 x 48 W/4  Max.
– 4 x 28 W/4  @ 14.4 V, 1 kHz, 10 %
– 4 x 72 W/2  Max.
MOSFET output power stage
Excellent 2  driving capability
Hi-Fi class distortion
Low output noise
Standby function
Mute function
Automute at min. supply voltage detection
Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump voltage

Description
The TDA7851A is a breakthrough MOSFET
technology class AB audio power amplifier,
designed for high-power car radio.
The fully complementary P-Channel/N-Channel
output structure allows a rail-to-rail output voltage
swing. This, combined with high output current
and minimized saturation losses, sets new power
references in the car-radio field, with unparalleled
distortion performance.




Similar Part No. - TDA7851A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7851 STMICROELECTRONICS-TDA7851 Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
TDA7851FH-QIX STMICROELECTRONICS-TDA7851FH-QIX Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
More results


Similar Description - TDA7851A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com