Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7707 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7707
Description  AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7707 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7707 Datasheet HTML 1Page - STMicroelectronics TDA7707 Datasheet HTML 2Page - STMicroelectronics TDA7707 Datasheet HTML 3Page - STMicroelectronics TDA7707 Datasheet HTML 4Page - STMicroelectronics TDA7707 Datasheet HTML 5Page - STMicroelectronics TDA7707 Datasheet HTML 6Page - STMicroelectronics TDA7707 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VFQFPN64 (9 x 9 x 1.0 mm)
GAPGPS02776
Features
•
AEC-Q100 qualified
•
Dual AM/FM reception with digital IF processing
•
Digital radio support for dual-channel HD-Radio™ and DAB/DRM reception
through external coprocessor
•
Integrated phase antenna diversity processing
•
Fully integrated dual VCO for world tuning
•
High performance PLLs for fast RDS system
•
Integrated IF-filters with high selectivity, dynamic range and adaptive bandwidth
control
•
Drift-free and alignment-free digital IF-signal processing with high performance
and flexibility
•
Integrated RF switch matrix in FM
•
RDS demodulation with group and block synchronization
•
Filtered MPX for VICS applications
•
High performance stereo decoder with noise-blanker
•
Analog DAC stereo output and I2S digital output
•
I2S, JESD204B, LVDS, high-speed digital I/Q base-band interface
•
I2C/SPI bus-controlled
•
Single 3.3 V external supply
Description
The TDA7707 is a single chip fully-CMOS quad-band, dual-channel tuner aimed at
receivers for analog and digital terrestrial radio broadcasting.
When paired to STMicroelectronics’s STA680 or STA660 digital decoder ICs, the
TDA7707 constitutes a complete optimized RF and baseband AM/FM/HD/DAB/DRM
solution for automotive grade receivers and other applications.
The TDA7707 combines state-of-art performance with minimum external component
count, making it therefore ideal for integration into car radios and other
AM/FM/HD/DAB/DRM devices with challenging performance, quality, reliability and,
last but not least, cost requirements.
Combining TDA7707 with either STA680 or STA660 results in a complete, multi-
standard receiver solution, with low bill of material, high performance and real
automotive grade quality and reliability.
Two device versions are available, differing only by the ROM content: the
TDA7707EB requires a small FW code to be downloaded for booting the IC, thus
making it especially suited to systems whose microcontroller has limited code storage
capability.
Product status link
TDA7707
Product summary
Order code
Package
Packing
TDA7707
VFQFPN64
(9 x 9 x 1
mm)
Tray
TDA7707EB
TDA7707TR
Tape &
Reel
TDA7707EBTR
AM/FM/HD-Radio™/DAB submicron technology automotive receiver
TDA7707
Data brief
DB2481 - Rev 3 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TDA7707

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7701 STMICROELECTRONICS-TDA7701 Datasheet
51Kb / 4P
BATTERY OPERATED FULLY INTEGRATED FM TUNER
February 2005 Rev. 1
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
TDA7703RTR STMICROELECTRONICS-TDA7703RTR Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
TDA7703TR STMICROELECTRONICS-TDA7703TR Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
More results

Similar Description - TDA7707

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
Automotive AM/FM Radio Receiver
SI4629-A10 SILABS-SI4629-A10 Datasheet
984Kb / 3P
High-Performance, Single-Chip AM/FM/HD/DAB/DAB/RDS/RDBS
SI4683-A10 SILABS-SI4683-A10 Datasheet
53Kb / 2P
Single-Chip, AM/FM/HD Radio Receiver
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
Single-Chip, AM/FM/DAB/DAB Radio Receiver
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4688-A10 SILABS-SI4688-A10 Datasheet
993Kb / 3P
Single-Chip, FM/HD/DAB/DAB Radio Receiver
logo
STMicroelectronics
STA709 STMICROELECTRONICS-STA709 Datasheet
194Kb / 7P
AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
STA710 STMICROELECTRONICS-STA710 Datasheet
201Kb / 7P
AM/FM/HD-RadioTM/DAB automotive digital output tuner
TDA7708 STMICROELECTRONICS-TDA7708 Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
TDA7708S STMICROELECTRONICS-TDA7708S Datasheet
176Kb / 7P
AM/FM/HD-RadioTM submicron technology automotive receiver
25-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com