Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7708 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7708
Description  AM/FM/HD-Radio™ submicron technology automotive receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7708 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7708 Datasheet HTML 1Page - STMicroelectronics TDA7708 Datasheet HTML 2Page - STMicroelectronics TDA7708 Datasheet HTML 3Page - STMicroelectronics TDA7708 Datasheet HTML 4Page - STMicroelectronics TDA7708 Datasheet HTML 5Page - STMicroelectronics TDA7708 Datasheet HTML 6Page - STMicroelectronics TDA7708 Datasheet HTML 7Page - STMicroelectronics TDA7708 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
3.1
VFQFPN-64 (9x9x1.0mm) package information
Figure 2. VFQFPN-64 (9x9x1.0 mm) package outline
8511068_B_A0ZG
A
A
D
(A1)
A1
E1
E
B
B
C
SECTION C-C
SCALE: NONE
TERMINAL TIP DETAIL A
SCALE: NONE
A1
C
TERMINAL TIP
SEATING
PLANE
SEE
DETAIL A
C
C
C
A
A2
A1
P
P
b
bbb
ddd
e
64
2
3
1
A3
E2
D2
0.45
Pin1 ID
r 0.20
L
L1
64
0.80 DIA.
TOP VIEW
BOTTOM VIEW
1
2
3
D1
GAPGPS03460
A B
C
C
C
ccc
eee
fff
B A
C
fff
4 x θ
L2
b
b1
Table 4. VFQFPN-64 (9x9x1.0 mm) package mechanical data
Ref.
Dimensions in mm
Min.
Typ.
Max.
Θ
-
-
14
A
-
-
1.0
A1
0.00
-
0.05
A2
0.55
-
0.80
A3
0.20 REF
b(1)
0.18
0.25
0.30
TDA7708
Package information
DB2482 - Rev 5
page 5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com