Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7708 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7708
Description  AM/FM/HD-Radio™ submicron technology automotive receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7708 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7708 Datasheet HTML 1Page - STMicroelectronics TDA7708 Datasheet HTML 2Page - STMicroelectronics TDA7708 Datasheet HTML 3Page - STMicroelectronics TDA7708 Datasheet HTML 4Page - STMicroelectronics TDA7708 Datasheet HTML 5Page - STMicroelectronics TDA7708 Datasheet HTML 6Page - STMicroelectronics TDA7708 Datasheet HTML 7Page - STMicroelectronics TDA7708 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VFQFPN64 (9 x 9 x 1.0 mm)
GAPGPS02776
Features
•
AEC-Q100 qualified
•
AM/FM reception with digital IF processing
•
Fully automotive grade CMOS design
•
AM/FM Band
•
Low-IF, DSP-based architecture
•
Very high dynamic range built-in IF-ADC
•
Minimum external component count
•
Very small footprint package
•
Multipath noise mitigation processing
•
RDS demodulation with group and block synchronization
•
Compatible with HD-Radio™ and DRM
•
Digital Audio Output
•
Fully RoHS-compliant
Description
The TDA7708 is a single chip fully-CMOS AM/FM tuner aimed at receivers for
terrestrial radio broadcasting.
The TDA7708 is a complete integrated and optimized RF tuner for AM/FM reception.
It allows the implementation of AM/FM solution (and also HD-Radio™ with external
STMicroelectronics's STA680 co-processor) for automotive grade receivers and other
applications.
The TDA7708 combines state-of-art performance with minimum external component
count, making it therefore ideal for integration into car radios and other radio devices
with challenging performance, quality, reliability and, last but not least, cost
requirements.
Such a low external component count is made possible by cutting-edge circuit and
implementation techniques that overcome the major challenges affecting both very-
low and zero IF receivers.
The TDA7708 features multiple front-end low-noise amplifiers (LNAs) to cover AM
LW/MW/SW bands, and the entire FM band, with advanced automatic gain control
(AGC) amplifier and mixer stages.
After on-chip IF filtering, the TDA7708 digitizes the signal with a very high dynamic
range ADC; it processes the complex phase-quadrature baseband signal allowing
applications like multipath noise mitigation, and integrated RDS decoding.
The TDA7708 furthermore integrates the HD-Radio™ channel filtering.
Besides providing optimal AM/FM quality reception, the TDA7708 makes it the ideal
solution to realize a complete HD-Radio™ receiver solution (in combination with the
external STA680 HD-Radio™ decoder) or a DRM receiver (paired to the
STA660DRM), with a low bill of material, high performance and real automotive grade
quality and reliability.
Product status
TDA7708
Device summary
Order code
Package
Packing
TDA7708
VFQFPN64
(9 x 9 x 1
mm)
Tray
TDA7708CB
TDA7708TR
Tape &
Reel
TDA7708CBTR
AM/FM/HD-Radio™ submicron technology automotive receiver
TDA7708
Data brief
DB2482 - Rev 5 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TDA7708

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7708S STMICROELECTRONICS-TDA7708S Datasheet
176Kb / 7P
AM/FM/HD-RadioTM submicron technology automotive receiver
25-Nov-2019
TDA7708SCB STMICROELECTRONICS-TDA7708SCB Datasheet
176Kb / 7P
AM/FM/HD-RadioTM submicron technology automotive receiver
25-Nov-2019
TDA7708SCBTR STMICROELECTRONICS-TDA7708SCBTR Datasheet
176Kb / 7P
AM/FM/HD-RadioTM submicron technology automotive receiver
25-Nov-2019
TDA7708STR STMICROELECTRONICS-TDA7708STR Datasheet
176Kb / 7P
AM/FM/HD-RadioTM submicron technology automotive receiver
25-Nov-2019
More results

Similar Description - TDA7708

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
AM/FM RADIO RECEIVER
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
AM/FM RADIO RECEIVER
logo
Silicon Laboratories
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
Automotive AM/FM Radio Receiver
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4683-A10 SILABS-SI4683-A10 Datasheet
53Kb / 2P
Single-Chip, AM/FM/HD Radio Receiver
SI4757-A10-AM SILABS-SI4757-A10-AM Datasheet
997Kb / 3P
High Performance Automotive AM/FM Radio Receiver
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
STMicroelectronics
TDA7707 STMICROELECTRONICS-TDA7707 Datasheet
201Kb / 7P
AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
25-Nov-2019
TDA7708S STMICROELECTRONICS-TDA7708S Datasheet
176Kb / 7P
AM/FM/HD-RadioTM submicron technology automotive receiver
25-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com