Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7803A Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 26Page - STMicroelectronics TDA7803A Datasheet HTML 27Page - STMicroelectronics TDA7803A Datasheet HTML 28Page - STMicroelectronics TDA7803A Datasheet HTML 29Page - STMicroelectronics TDA7803A Datasheet HTML 30Page - STMicroelectronics TDA7803A Datasheet HTML 31Page - STMicroelectronics TDA7803A Datasheet HTML 32Page - STMicroelectronics TDA7803A Datasheet HTML 33Page - STMicroelectronics TDA7803A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
Functional description
TDA7803A
30/72
DS12195 Rev 7
only the channel(s) where the fault happened is shut down. Once activated, the
diagnostic procedure develops as below:
–
The diagnostic performs one restart cycle in order to avoid momentary re-
circulation spikes which could give erroneous results. If a normal state (no
overloads) is detected, the channel returns back active.
–
Instead, if after the restart cycle, the overload is still detected, then the diagnostic
performs a plateau cycle.
–
After the plateau cycle, a restart cycle is going to be performed every 2 ms until
the fault condition is removed. The data acquired from the plateau cycle are stored
and can be read from the microprocessor. If the fault condition persists, a new
plateau cycle can be programmed from I2C simply by reading. This ensures
continuous diagnostic throughout the car-radio operating time.
For a more immediate understanding, the permanent diagnostic's flowchart is as in
Figure 36.
Figure 36. Permanent diagnostic flow-chart
When a plateau cycle is done during the permanent diagnostic the bit DB1/2/3/4-D4 is set to
"1". If all the bits related to the diagnostic are "0", then the fault has possibly been removed
or not detected. Eventually, an over current event could have been occurred on a
GAPGPS00810
PLAY
MODE
OVERLOAD
NO
YES
TURN-OFF
BIG
POWERS
RESTART
CYCLE
FAULT
DETECTED
NO
YES
FIRST CYCLE
AND IB4 D0 = ‘1’
PLATEAU
CYCLE
YES
NO
RESTART
CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com