Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7803A Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7803A
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 35Page - STMicroelectronics TDA7803A Datasheet HTML 36Page - STMicroelectronics TDA7803A Datasheet HTML 37Page - STMicroelectronics TDA7803A Datasheet HTML 38Page - STMicroelectronics TDA7803A Datasheet HTML 39Page - STMicroelectronics TDA7803A Datasheet HTML 40Page - STMicroelectronics TDA7803A Datasheet HTML 41Page - STMicroelectronics TDA7803A Datasheet HTML 42Page - STMicroelectronics TDA7803A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
DS12195 Rev 7
39/72
TDA7803A
I2S and TDM bus interface
71
8.2
I2S input data format
The TDA7803A accepts I2S standard interface format as in Figure 39 and the I2C bit
configuration is IB3 [D5,D4,D3] = "000".
Figure 39. I2S format
8.3
TDM input data format
TDM 4-channel is allowed for TDA7803A and it is as in Figure 40. All the channels are sent
on the audio data line SD24. The channel's order is 1, 2, 3 and 4. The I2C bit configuration is
IB3 [D5, D4, D3] = "001".
Figure 40. TDM 16 (8+8) - channel format
TDM 8-channel is also allowed and two devices (device 1 and device 2) can be driven by
using just one serial data line SD24. There are two selectable options.
When IB3 [D5,D4,D3] = "010" device 1 is first sent; when IB3 [D5,D4,D3] = "011" device 2 is
first sent. In Figure 41 TDM 8-channel format is showed.
CH1 (MSB first)
CH2 (MSB first)
CH3 (MSB first)
CH4 (MSB first)
1/fs
1/(64 x fs)
SD13
IB3 [543] =000
WS
SCK
SD24
IB3 [543] =000
I2S standard:
1 device, 4 channels
2 channels on line SD24 (left first, right last)
2 channels on line SD13 (left first, right last)
GADG2305171640PS
TDM 4 channels:
1 device, 4 channels on line SD24, the channels are sent in the order 1, 2, 3 and 4
SD24
IB3 [543] =001
SCK
WS
CH2 (MSB first)
CH1 (MSB first)
CH4 (MSB first)
CH3 (MSB first)
1 T
SCK
t
h,min
t
h,max
GAPGPS00816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com