Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7803A-QLX Datasheet(PDF) 51 Page - STMicroelectronics

Part # TDA7803A-QLX
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-QLX Datasheet(HTML) 51 Page - STMicroelectronics

Back Button TDA7803A-QLX Datasheet HTML 47Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 48Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 49Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 50Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 51Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 52Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 53Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 54Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
DS12195 Rev 7
51/72
TDA7803A
I2C registers
71
10.1.6
IB5 - Subaddress "I0000101h" - default = "00000000"
Table 21. IB5 - Subaddress "I0000101h" - default = "00000000"
Bit
Instruction decoding bit
D7, D6
Thermal threshold programmability:
D5
Internal use – set “0”
D4, D3,
D2, D1
Current capability enhancer
D4 - D1
0000 disabled
1111 enabled
D0
Internal use – set “0”
D7
D6
Thermal threshold (TWs)
0
0
Default (datasheet value)
0
1
TWs shifted -10°C
1
0
TWs shifted -20°C
1
1
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com