Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7803A-QLX Datasheet(PDF) 71 Page - STMicroelectronics

Part # TDA7803A-QLX
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-QLX Datasheet(HTML) 71 Page - STMicroelectronics

Back Button TDA7803A-QLX Datasheet HTML 64Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 65Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 66Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 67Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 68Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 69Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 70Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 71Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
DS12195 Rev 7
71/72
TDA7803A
Revision history
71
13
Revision history
.;
Table 37. Document revision history
Date
Revision
Changes
16-Jun-2017
1
Initial release.
19-Oct-2017
2
Removed note 1 (Part number not yet released for
production.) on Table 35: Ordering information on page 70.
15-Dec-2017
3
Update column note for “TPLS and X” parameters in Table 6.
18-Jan-2018
4
Document changed from "Confidential" to "Public", no
content change.
15-Jan-2019
5
Corrected in Table 3 the value for “Cmax - Maximum
capacitor vs. ground connected to the output” from 10 nF to
4.7 nF.
Updated Table 13: Address threshold on page 45.
25-May-2022
6
Updated:
– Figure 27: Total power dissipation & efficiency vs. Po (2 Ω,
SBI, Sine);
– Section 8.5: Group delay.
Minor text changes in:
– Section 6.3: Permanent diagnostic;
– Table 17: IB1 - Subaddress "I0000001h" - default =
"00000000";
– Table 19: IB3 - Subaddress "I0000011h" - default =
"00000000".
06-Sep-2022
7
Minor text changes in:
– Table 25: DB1 - Subaddress: "I0010001h" - Channel 1;
– Table 26: DB2 - Subaddress: "I0010010h" - Channel 2;
– Table 27: DB3 - Subaddress: "I0010011h" - Channel 3;
– Table 28: DB4 - Subaddress: "I0010100h" - Channel 4.
Removed:
– Figure 16. Vo vs. Vin (Gv1-2-3-4 settings);
– Figure 17. Vo vs. Vin (Gv1-2-3-4 settings + 6 dB
– dig. gain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com