Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9469 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AM9469
Description  LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9469 Datasheet(HTML) 2 Page - Diodes Incorporated

  AM9469 Datasheet HTML 1Page - Diodes Incorporated AM9469 Datasheet HTML 2Page - Diodes Incorporated AM9469 Datasheet HTML 3Page - Diodes Incorporated AM9469 Datasheet HTML 4Page - Diodes Incorporated AM9469 Datasheet HTML 5Page - Diodes Incorporated AM9469 Datasheet HTML 6Page - Diodes Incorporated AM9469 Datasheet HTML 7Page - Diodes Incorporated AM9469 Datasheet HTML 8Page - Diodes Incorporated AM9469 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AM9469
Document number: DS38810 Rev. 2 - 2
2 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AM9469
Typical Applications Circuit (Notes 4 & 5)
REGH
5VREG
VCONT
RMI
FG
RD
IN1
HB
IN2
CPWM
PWM
GND
3
4
5
6
7
8
14
13
12
11
10
9
RF
OUT2
1
2
16
15
OUT1
Dz
D1
RF
CPWM
Hall
PWM signal for
speed control
C1
SYSTEM
POWER
AM9469
R1
VDD
Motor Coil
Typical Applications Circuit for PWM Speed Control
REGH
5VREG
VCONT
RMI
FG
RD
IN1
HB
IN2
CPWM
PWM
GND
3
4
5
6
7
8
14
13
12
11
10
9
RF
OUT2
1
2
16
15
OUT1
Dz
D1
RF
CPWM
C1
SYSTEM
POWER
VPWM
Hall
AM9469
R1
VDD
Motor Coil
Typical Applications Circuit for VCONT/RMI Control
Notes:
4. C1 is for power stabilization and to strengthen the noise immunity and should be as close to the VDD pin as possible. The recommended value for C1 is
1µF typically. The value of capacitor can be optimized depending on the operating mode, motor voltage and the motor current. For PWM speed control
mode, with datasheet current capability, the recommended capacitor value is 1µF. The value of the C1 should be checked in the motor design and route
in its operating conditions if it is reduced or increased from the recommended value of 1µF.
5. Diode D1 is for the reverse connection protection. In addition to power stabilization and noise immunity, C1 also absorbs regenerative motor spikes.
Depending on the amount of regenerative voltage spike, value of C1 needs to be adjusted. The zener diode Dz is used to clamp the regenerative
voltage spike form the motor operation to safe level when reverse blocking diode D1 is used. If reverse blocking diodes is not used, the use of zener
clamp Dz depends on the supply voltage capability to effectively sink the regenerative energy and voltage spike. The value of C1 and the requirement
Dz needs to be verified on each application design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com