Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9469 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AM9469
Description  LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9469 Datasheet(HTML) 3 Page - Diodes Incorporated

  AM9469 Datasheet HTML 1Page - Diodes Incorporated AM9469 Datasheet HTML 2Page - Diodes Incorporated AM9469 Datasheet HTML 3Page - Diodes Incorporated AM9469 Datasheet HTML 4Page - Diodes Incorporated AM9469 Datasheet HTML 5Page - Diodes Incorporated AM9469 Datasheet HTML 6Page - Diodes Incorporated AM9469 Datasheet HTML 7Page - Diodes Incorporated AM9469 Datasheet HTML 8Page - Diodes Incorporated AM9469 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AM9469
Document number: DS38810 Rev. 2 - 2
3 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AM9469
Pin Descriptions
Pin Number
Pin Name
Description
1
OUT1
Output Drive
– Source and Sink Capable Pin
2
VDD
Power Supply Input Pin
3
REGH
High-Side Regulator Output Voltage
4
5VREG
5V Regulator Output Voltage
5
VCONT
Output duty control pin for in DC signal speed control mode. Voltage in VCONT is compared with triangular
wave on CPWM for the output duty ratio.
6
RMI
Output Minimum Duty (Minimum Speed) Control Pin for CPWM
7
FG
Frequency Generator (FG)
– The FG Output is Same as the Magnetic Change Frequency
8
RD
Rotor Lock Detect Open Drain Output
9
IN1
Hall Device Positive Input Pin
10
HB
Hall Bias Voltage
11
IN2
Hall Device Negative Input Pin
12
CPWM
Capacitor Connection Pin for PWM Oscillator and Main Clock
13
PWM
PWM signal input pin for PWM speed control mode. The PWM on this pin controls the output duty directly.
14
GND
Ground Pin
15
RF
Current Limit Set Pin
– Connect a resistor between RF pin and GND, current limit is defined by 250mV/RF
16
OUT2
Output Drive
– Source and Sink Capable Pin
Pad
Pad
Exposed Pad for Thermal Dissipation. It can be connected to GND or left open circuit.
Functional Block Diagram
1
2
3
4
5
6
7
8
15
16
14
13
12
11
10
9
GND
RF
CPWM
RMI
FG
RD
OUT1
+
+
-
-
VDD
High Side
Regulator
Low Side
Regulator
Bias
Generate
Level Shift
OUT2
OSC&
Clock
PWM
Logical Control
Centre
HB
IN1
IN2
HB
TBD
REGH
5VREG
VCONT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com