Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2401AS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2401AS-13
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401AS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2401AS-13 Datasheet HTML 1Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 2Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 3Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 4Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 5Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 6Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 7Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 8Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP2401A/AP2411A
Document number: DS37744 Rev. 1 - 2
1 of 18
www.diodes.com
March 2015
© Diodes Incorporated
AP2401A/AP2411A
2.0A SINGLE CHANNEL CURRENT-LIMITED
POWER SWITCH WITH LATCH-OFF
Description
The AP2401A and AP2411A are single-channel, current-limited,
integrated high-side power switches optimized for Universal Serial
Bus (USB) and other hot-swap applications. The family of devices
complies with USB standards and is available with both polarities of
enable input.
The devices have fast short-circuit response time for improved overall
system robustness, and have integrated output discharge function to
ensure completely controlled discharging of the output voltage
capacitor. They provide a complete protection solution for applications
subject to heavy capacitive loads and the prospect of short circuit,
and offer reverse current blocking, overcurrent, over-temperature and
short-circuit
protection,
as
well
as
controlled
rise time
and
undervoltage lockout functionality. A 7ms deglitch capability on the
open-drain Flag output prevents false overcurrent reporting and does
not require any external components. AP2401A and AP2411A will be
latched off after a 7ms deglitch.
All
devices
are
available
in
SO-8,
MSOP-8,
MSOP-8EP,
U-DFN3030-8 and U-DFN2020-6 packages.
Features
•
Single Channel Current-Limited Power Switch
•
Output Discharge Function
•
Output Current Latch-Off when OCP Triggered
•
Fast Short-Circuit Response Time: 2µs
•
2.5A Accurate Current Limiting
•
Reverse Current Blocking
•
70m
On-Resistance
•
Input Voltage Range: 2.7V - 5.5V
•
Built-In Soft-Start with 0.6ms Typical Rise Time
•
Overcurrent and Thermal Protection
•
Fault Report (FLG) with Blanking Time (7ms typ)
•
ESD Protection: 2kV HBM, 200V MM
•
Active Low (AP2401A) or Active High (AP2411A) Enable
•
Ambient Temperature Range: -40°C to +85°C
•
SO-8, MSOP-8, MSOP-8EP, U-DFN3030-8 and U-DFN2020-6:
Available in “Green” Molding Compound (No Br, Sb)
•
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
UL Recognized, File Number E322375
•
IEC60950-1 CB Scheme Certified
Pin Assignments
GND
IN
IN
EN
FLG
OUT
OUT
NC
4
3
2
1
5
6
7
8
(Top View)
SO-8
FLG
OUT
OUT
NC
GND
IN
IN
EN
(Top View)
MSOP-8/MSOP-8EP
Note: Latter with exposed pad
(dotted line)
8
7
6
5
1
2
3
4
FLG
OUT
OUT
NC
GND
IN
IN
EN
1
2
3
4
8
7
6
5
(Top View)
U-DFN3030-8
U-DFN2020-6
Applications
•
LCD TVs & Monitors
•
Set-Top-Boxes, Residential Gateways
•
Laptops, Desktops, Servers, E-Readers
•
Printers, Docking Stations, HUBs
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Green


Similar Part No. - AP2401AS-13

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
829Kb / 22P
DUAL LDO REGULATORS
logo
Diodes Incorporated
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2401 DIODES-AP2401 Datasheet
454Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
logo
BCD Semiconductor Manuf...
AP2401B12KTR-E1 BCDSEMI-AP2401B12KTR-E1 Datasheet
747Kb / 22P
DUAL LDO REGULATORS
More results

Similar Description - AP2401AS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com