Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2401AS-13 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2401AS-13
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401AS-13 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2401AS-13 Datasheet HTML 9Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 10Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 11Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 12Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 13Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 14Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 15Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 16Page - Diodes Incorporated AP2401AS-13 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP2401A/AP2411A
Document number: DS37744 Rev. 1 - 2
13 of 18
www.diodes.com
March 2015
© Diodes Incorporated
AP2401A/AP2411A
Marking Information (continued)
(4)
U-DFN3030-8
XX : Identification Code
( Top View )
X : A~Z : Internal Code
X
Y
X X
W
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP2401AFGE-7
U-DFN3030-8
4W
AP2411AFGE-7
U-DFN3030-8
4X
(5) U-DFN2020-6
XX : Identification Code
( Top View )
X : A~Z : Internal Code
X
Y
X X
W
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP2401ASN-7
U-DFN2020-6
4Y
AP2411ASN-7
U-DFN2020-6
4Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com