Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VUB71 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUB71
Description  Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB71 Datasheet(HTML) 2 Page - IXYS Corporation

  VUB71 Datasheet HTML 1Page - IXYS Corporation VUB71 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
VUB 71
I
R
V
R
= V
RRM,TVJ =
25 C
0.2
mA
V
R
= 800 V,T
VJ = 150 C
4
6
mA
V
F
I
F
= 12 A,T
VJ =
25 C
2.7V
V
T0
For power-loss calculations only
1.65V
r
T
T
VJ
= 150 C
46m
I
RM
I
F
= 25 A,
-di
F/dt = 100 A/
s
6.5
7A
V
R
= 100 V
t
rr
I
F
= 1 A,
-di
F/dt = 100 A/
s
50
70
ns
V
R
= 30 V
R
thJH
3.12 K/W
R
25
Siemens Typ S 891/2,2k/+9
2,2k
d
S
Creep distance on surface
12.7 mm
d
A
Strike distance in air
9.4 mm
a
Maximum allowable acceleration
50 m/s2
Symbol
Test Conditions
Characteristic Values
(T
VJ = 25 C, unless otherwise specified)
min.
typ.
max.
V
BR(CES)
V
GS = 0 V, IC = 3 mA
1200V
V
GE(th)
I
C = 10 mA
5
8V
I
GES
V
GE
=
20 V
500
nA
I
CES
T
VJ = 25 C,VCE =
V
CES
700
A
T
VJ = 125 C,VCE = 0.8 VCES
1.5
mA
V
CEsat
V
GE = 15 V, IC = 25 A
2.9V
t
SC
V
GE = 15 V, VCE = 600 V, TVJ = 125 C,
10
s
(SCSOA)
R
G = 22
, non repetitive
RBSOA
V
GE = 15 V, VCE = 800 V, TVJ = 125 C,
50A
R
G = 22
, Clamped Inductive load, L = 100 H
C
ies
V
CE = 25 V, f = 1 MHz, VGE = 0 V
4.5
nF
t
d(on)
300
ns
t
d(off)
350
ns
t
fi
1600
ns
E
on
6
mJ
E
off
8
mJ
R
thJH
0.8 K/W
I
R
V
R = VRRM,TVJ =
25 C
0.1
mA
V
R = VRRM,TVJ = 150 C
3
mA
V
F
I
F = 25 A,TVJ =
25 C
1.3V
V
T0
For power-loss calculations only
0.85V
r
T
T
VJ = 150 C
8.5m
R
thJH
per diode
1.42 K/W
V
CE = 600 V, IC = 25 A
V
GE = 15 V, RG = 22
Inductive load; L = 100 H
T
VJ = 125 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com