Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VUB71 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUB71
Description  Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB71 Datasheet(HTML) 1 Page - IXYS Corporation

  VUB71 Datasheet HTML 1Page - IXYS Corporation VUB71 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RRM
Type
V
1200
VUB 71-12 NO1
1600
VUB 71-16 NO1
Symbol
Test Conditions
Maximum Ratings
V
RRM
1200 / 1600V
I
dAV
T
H
= 110 C, sinusoidal 120
59A
I
dAVM
limited by leads
70A
I
FSM
T
VJ
= 45 C, t = 10 ms, V
R = 0 V
530A
T
VJ
= 150 C, t = 10 ms, V
R = 0 V
475A
I2t
T
VJ
= 45 C, t = 10 ms, V
R = 0 V
1400A
T
VJ
= 150 C, t = 10 ms, V
R = 0V
1130A
P
tot
T
H
= 25 C per diode
90W
V
CES
T
VJ
= 25 C to 150 C
1200V
V
GE
Continuous
20V
I
C25
T
H
= 25 C, DC
43A
I
C80
T
H
= 80 C, DC
29A
I
CM
t
p
= Pulse width limited by T
VJM
90A
P
tot
T
H
= 80 C
160W
V
RRM
1200V
I
FAV
T
H
= 80 C, rectangular d = 0.5
9A
I
FRMS
T
H
= 80 C, rectangular d = 0.5
14A
I
FRM
T
H
= 80 C, t
P = 10
s, f = 5 kHz
90A
I
FSM
T
VJ
= 45 C, t = 10 ms
75A
T
VJ
= 150 C, t = 10 ms
60A
P
tot
T
H
= 25 C
40W
T
VJ
-40...+150
C
T
VJM
150
C
T
stg
-40...+125
C
V
ISOL
50/60 Hz
t = 1 min
3000
V~
I
ISOL
1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 unf)
18-22
lb.in.
Weight
typ.
35g
Features
Soldering connections for PCB
mounting
Isolation voltage 3600 V~
Ultrafast freewheeling diode
Convenient package outline
UL registered E 72873
Thermistor
Applications
Drive Inverters with brake system
Advantages
2 functions in one package
No external isolation neccessary
Easy to mount with two screws
Suitable for wave soldering
High temperature and power cycling
capability
Dimensions in mm (1 mm = 0.0394")
VUB 71
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions.
V
RRM = 1200-1600 V
I
dAVM
= 70 A
Three Phase Rectifier Bridge
with IGBT and Fast Recovery Diode
for Braking System
1 2
4
5
6
7
9 10


Similar Part No. - VUB71

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUB72 IXYS-VUB72 Datasheet
89Kb / 4P
Three Phase Rectifier Bridge With Brake Chopper
VUB72-12NOXT IXYS-VUB72-12NOXT Datasheet
362Kb / 8P
Standard Rectifier Module(3~ Rectifier Bridge Brake Unit NTC)
logo
Inchange Semiconductor ...
VUB72-16NO1 ISC-VUB72-16NO1 Datasheet
371Kb / 5P
Three Phase Rectifier Bridge with Brake Chopper
logo
IXYS Corporation
VUB72-16NOXT IXYS-VUB72-16NOXT Datasheet
376Kb / 7P
Three Phase Rectifier Bridge with Brake Chopper
More results

Similar Description - VUB71

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZB135 IXYS-VVZB135 Datasheet
137Kb / 5P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB116 IXYS-VUB116 Datasheet
50Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB60 IXYS-VUB60 Datasheet
110Kb / 4P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO1 IXYS-VUB120-12NO1 Datasheet
104Kb / 4P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO2 IXYS-VUB120-12NO2 Datasheet
69Kb / 2P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB120 IXYS-VVZB120 Datasheet
76Kb / 3P
Three Phase Half Controlled Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
logo
Semikron International
SKDH116 SEMIKRON-SKDH116_09 Datasheet
1Mb / 4P
3-Phase Bridge Rectifier IGBT braking chopper
logo
Solid States Devices, I...
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VVZB135-16NO1 IXYS-VVZB135-16NO1 Datasheet
272Kb / 5P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB170-16NO1 IXYS-VVZB170-16NO1 Datasheet
196Kb / 3P
Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com