Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC332 Datasheet(PDF) 1 Page - Picker Components

Part # PC332
Description  Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC332 Datasheet(HTML) 1 Page - Picker Components

  PC332 Datasheet HTML 1Page - Picker Components PC332 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
New
PC332
FEATURES
Rated Load
Max switching current
Max switching voltage
Max switching power
2 Form C
2A, 30VDC; 1A, 125VAC
5A
220VDC or 250VAC
60W or 125VA
CONTACT RATINGS
CONTACT DATA
Material
Ag alloy + Au clad
Initial contact resistance
Service life
Mechanical
Electrical
1 X 10 ops.
8
1 X 10
ops. @ 2A, 30VDC
5 X 10
ops. @ 1A, 30VDC
5
5
COIL DATA
SINGLE SIDE STABLE
Form
50 milliohms max at 0.01A, 6VDC
SINGLE COIL LATCHING
Designation
09-AL
05-AL
06-AL
12-AL
15-AL
24-AL
05-AH
06-AH
09-AH
12-AH
15-AH
24-AH
48-AH
5
6
9
12
15
24
5
6
9
12
15
24
48
Nominal
Voltage
(VDC)
Resistance
Power
Consumption
0.15W
0.2W
167
Ohms + 10%
_
240
540
960
1500
3840
125
180
405
720
1125
2880
11520
Must Operate
Voltage Max.
Max Allowable
Voltage
Must Release
Voltage Min.
4.0
4.8
7.2
9.6
12.0
19.2
3.5
4.2
6.3
8.4
10.5
16.8
36.0
11.5
13.8
20.8
27.7
34.6
55.4
10.0
12.0
18.0
24.0
30.0
48.0
96.0
0.5
0.6
0.9
1.2
1.5
2.4
0.5
0.6
0.9
1.2
1.5
2.4
4.8
Designation
Designation
05-BJ
06-BJ
09-BJ
12-BJ
15-BJ
24-BJ
05-BM
06-BM
09-BM
12-BM
15-BM
24-BM
Nominal Voltage
Resistance
Ohms + 10%
_
Power
Consumption
5
6
9
12
15
24
5
6
9
12
15
24
330
480
1080
1920
3000
7680
250
360
810
1440
2220
4000
0.075W
0.1W
Set and Reset
Voltage Min.
Max. Allowable
Voltage
4.00
4.80
7.20
9.60
12.00
19.00
3.75
4.50
6.75
9.00
11.25
18.00
16
19
29
39
43
78
14
17
25
34
42
56
05-CL
06-CL
09-CL
12-CL
15-CL
24-CL
05-CH
06-CH
09-CH
12-CH
15-CH
24-CH
Nominal Voltage
Resistance
Ohms + 10%
_
Power
Consumption
Set and Reset
Voltage Min.
Max. Allowable
Voltage
5
6
9
12
15
24
5
6
9
12
15
24
4.00
4.80
7.20
9.60
12.00
19.20
3.75
4.50
6.75
9.00
11.25
18.00
167
240
540
960
1500
3840
125
180
405
720
1125
2040
0.15W
0.2W
11.5
13.8
20.8
27.7
34.6
55.4
10.0
12.0
18.0
24.0
30.0
48.0
DUAL COIL LATCHING
Telecom Relay
New telecom relay
Available with magnetic latching
DIL package for PC board or socket
Single side stable, single coil or dual coil latching
Ideal for computer peripherals and telecommunications
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC332 Rev A 4-12-02
PAGE 1


Similar Part No. - PC332

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC332-12H-X PICKER-PC332-12H-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-12L-X PICKER-PC332-12L-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-12NIL-X PICKER-PC332-12NIL-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-24H-X PICKER-PC332-24H-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332-24L-X PICKER-PC332-24L-X Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
More results

Similar Description - PC332

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC322 PICKER-PC322 Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
Ultraminiature PCB Telecom Relay
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
Subminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
Ultraminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
Telecom/signal relay
P2-V23079 TEC-P2-V23079 Datasheet
1Mb / 7P
Standard telecom relay
V23079 TEC-V23079 Datasheet
1Mb / 7P
Standard telecom relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com