Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC332 Datasheet(PDF) 2 Page - Picker Components

Part # PC332
Description  Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC332 Datasheet(HTML) 2 Page - Picker Components

  PC332 Datasheet HTML 1Page - Picker Components PC332 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC332
PC332
ORDERING INFORMATION
Example:
PC332-
Model
C
B: Single Coil Latching;
C: Dual Coil Latching
05
Coil Voltage
A: Single Side Stable
L
Coil Sensitivity
L: 0.15W;
H: 0.2W
J: Sensitive 0.075W;
M: Sensitive 0.1W *
* Sensitive versions J and M are for single coil latching only.
CHARACTERISTICS
Operate Time
4 ms. typical
Release Time
Insulation Resistance
3 ms. typical
1,000 megohms, at 500VDC, 50%RH
Dielectric Strength
1000 Vrms, 1 min. between open contacts
1500 Vrms, 1 min. between coil and contacts
Shock Resistance
5 g, 11ms. functional; 10 g, 11ms. destructive
Vibration Resistance
2 g
Power Consumption
Standard 0.15 - 0.2W, Sensitive 0.075 - 0.1W
Ambient Temperature Range
-40 to 85 degrees C operating, -40 to 130 degrees C storage
Weight
8 grams approx.
Surge Strength
1500 Volts
(7.62)
.30
(7.62) (5.08)(5.08)
.30
.20 .20
SINGLE SIDE STABLE
SINGLE COIL LATCHING
(7.62)
.30
(5.08)(5.08) (5.08)
.20 .20 .20
.20
(2.54)
DUAL COIL LATCHING
(20.2)
.795
(10.0)
.394
(10.6)
.417
(10.6)
.417
(10.0)
.394
(20.2)
.795
1
4
6
8
16
13
11
9
1
4
6
8
16
13
11
9
2
15
+
-
+
-
+
-
NOTES
1. All parameters, unless otherwise specified, are measured at a 20 degrees C ambient temperature.
2. For the single coil latching version, the wiring diagram shows the reset position. + on terminal 1 and - on terminal 16
will set. Reverse polarity will reset.
3. For the dual coil latching version, energize 1 and 16 to set and 2 and 15 to reset.
max
max
max
max
max
max
5. PC board hole diameter for all holes .035
.005 (.9
.13)
+
_
+
_
4. Tolerances .010 in. unless otherwise noted
+
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com