Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICSCTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGAP2SICSCTR
Description  Galvanically isolated 4 A single gate driver for SiC MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SICSCTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGAP2SICSCTR Datasheet HTML 5Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 6Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 7Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 8Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 9Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 10Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 11Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 12Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.3
Control inputs
The device is controlled through the IN+ and IN- logic inputs, in accordance with the truth table below.
Table 9. Inputs truth table (applicable when device is not in UVLO or "safe state")
Input pins
Output pins
IN+
IN-
GON
GOFF
L
L
OFF
ON
H
L
ON
OFF
L
H
OFF
ON
H
H
OFF
ON
A deglitch filter allows input signals with duration shorter than tdeglitch to be ignored, thereby preventing noise
spikes potentially present in the application from generating unwanted commutations.
6.4
Miller Clamp function
The Miller clamp function allows the control of the Miller current during the power stage switching in half-bridge
configurations. When the external power transistor is in the OFF state, the driver operates to avoid the induced
turn-on phenomenon that may occur when the other switch in the same leg is being turned on, due to the CGD
capacitance.
During the turn-off period the gate of the external switch is monitored through the CLAMP pin. The CLAMP switch
is activated when gate voltage goes below the voltage threshold, VCLAMPth, thus creating a low impedance path
between the switch gate and the GNDISO pin.
6.5
Watchdog
The isolated HV side has a watchdog function in order to identify when it is not able to communicate with LV side,
for example because the VDD of the LV side is not supplied. In this case the output of the driver is forced in “safe
state” until communication link is properly established again.
6.6
Thermal shutdown protection
The device provides a thermal shutdown protection. When junction temperature reaches the TSD temperature
threshold, the device is forced in “safe state”. The device operation is restored as soon as the junction
temperature is lower than TSD-Thys.
STGAP2SICS
Control inputs
DS13402 - Rev 4
page 9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com