Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2SICSCTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGAP2SICSCTR
Description  Galvanically isolated 4 A single gate driver for SiC MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SICSCTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGAP2SICSCTR Datasheet HTML 9Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 10Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 11Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 12Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 13Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 14Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 15Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 16Page - STMicroelectronics STGAP2SICSCTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
8
Layout
8.1
Layout guidelines and considerations
In order to optimize the PCB layout, the following considerations should be taken into account:
•
SMT ceramic capacitors (or different types of low-ESR and low-ESL capacitors) must be placed close to
each supply rail pins. A 100 nF capacitor must be placed between VDD and GND and between VH and
GNDISO, as close as possible to device pins, in order to filter high-frequency noise and spikes. In order to
provide local storage for pulsed current, a second capacitor with a value between 1 µF and 10 µF should
also be placed close to the supply pins.
•
It is good practice to add filtering capacitors close to logic inputs of the device (IN+, IN-), particularly for fast
switching or noisy applications.
•
The power transistors must be placed as close as possible to the gate driver to minimize the gate loop area
and inductance that might carry noise or cause ringing.
•
To avoid degradation of the isolation between the primary and secondary side of the driver, there should not
be any trace or conductive area below the driver.
•
If the system has multiple layers, it is recommended to connect the VH and GNDISO pins to internal ground
or power planes through multiple vias of adequate size. These vias should be located close to the IC pins to
maximize thermal conductivity.
8.2
Layout example
An example of STGAP2SiCSC half-bridge suggested PCB layout with main signals highlighted by different colors
is shown in Figure 11. It is recommended to follow this example for correct positioning and connection of filtering
capacitors.
Figure 11. Half-bridge suggested PCB layout
Q1
Q2
U1
U2
CVH1
CVH2
CVDD1
ROFF
RON
G1
D1
S1
CIN
RIN
CVH1
CVH2
CVDD1
ROFF
RON
G2
D2
S2
CIN
RIN
TOP
BOTTOM
STGAP2SICS
Layout
DS13402 - Rev 4
page 13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com