Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC-03J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # ENC-03J
Description  PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

ENC-03J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  ENC-03J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
574
CG01-J Rev. 1
SENSORS
PIEZOELECTRIC VIBRATING GYROSCOPE
ENV-05D SERIES
Murata Electronics’ new rotational
angular velocity sensor combines
Murata’s equilateral triangle prism
vibrating unit with a revolutionary
mounting technology for the piezo-
electric ceramic element that produces
100 times the precision of other
vibration gyroscopes.
APPLICATIONS
I Navigation systems
I Platform positioning and stabilizing
I Car electronics: accident history
recorder, dead reckoning, theft
retrieval, unmanned vehicles
I Satellite antenna positioning
I Office automation
I Factory automation
I Mayday system
I Construction equipment
Note: This product is not approved for military and avionics.
BENEFITS
I Low price
I Compact
I Low drift
I Fast response
I Low noise
I Precision detection
For more detailed information regarding this product line in North America, contact us. To receive additional information on Murata Products call 1-800-831-9172.
DIMENSIONS: mm
OLD PART NUMBERING SYSTEM
NEW PART NUMBERING SYSTEM
F
XX
643
MURATA
JAPAN
FB: with wires pigtail
SUFFIX
LOT
MANUFACTURING
COUNTRY
F: PCB mount
52=Standard
NUMBER
NUMBER
COMPANY OF ORIGIN
Terminal
Description
+Supply (input)
Ground (common)
Sensor Output (output)
CCW
CW
4.0
3–0.6
(t = 0.35)
4–2.0
(t = 0.3)
19.6
12.5
2.15
9.05
11.5
2.54
0.3
Y Axis
X Axis
Characteristics
Symbol
Condition
Min.
Std.
Max.
Unit
Supply voltage
Vcc
+4.5
+5.0
+5.5
VDC
Current consumption
Icc
at Vcc = 5.0VDC
—
—
15
mA
Maximum angular velocity
Omax.
–60
—
+60
deg/s
Output
Vo
Angular velocity = 0 at –30 ~ 80°C
2.100
2.500
2.900
VDC
Scale factor
Sv
at –10 ~ 60°C
23.0
25.0
27.0
mV/deg/s
at –30 ~ 80°C
21.7
25.0
28.3
Asymmetry CW & CCW
—
—
3
deg/s
Temperature coefficient
–10 ~ 60°C
—
—
±5
%FS
Scale factor
–30 ~ 80°C
—
—
±10
Drift
–30 ~ 80°C
—
—
9
deg/s
Start up
Measure Vo after 5 seconds
—
—
±1
deg/s/10 min.
Noise level
12kHz noise
—
—
10
mVp-p
Linearity
in the maximum angular velocity range
—
—
0.5
%FS
Response
Phase delay: 90deg
—
10
—
Hz
Dependence on Supply Voltage
Output
0.8
—
1.2
Scale factor
0.8
—
1.2
Operating Temperature Range
Topr
–30
—
80
°C
Storage Temperature Range
Tstg
–40
—
85
°C
Weight
—
—
20
g
Dimension
11.5(D) x 19.6(W) x 23.2(H) mm
SPECIFICATIONS
Tolerance : ±0.5
Unless otherwise specified, ambient temperature TA = 25 ± 5°C, Vcc = 5.0VDC. Use a sensor output load resistance of 100k ohm or more.
ENV-05 Model Name
2.54
6.25
6.25
3.0
3- 1.0
18.6
1.3
PCB Layout
EN
C-03JA
-02
PRODUCT ID
TYPE
INDIVIDUAL
PACKAGING
SPECIFICATION CODE
*Global Part Number shows only an example which might be different from actual part number.
*Any other definitions than “Product ID” might have different digit number from actual Global Part Number.


Similar Part No. - ENC-03J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ENC-03M MURATA-ENC-03M Datasheet
169Kb / 2P
Operating Temperature Range
ENC-03R MURATA-ENC-03R Datasheet
83Kb / 4P
Piezoelectric Vibrating Gyroscopes
ENC-03RC-R MURATA-ENC-03RC-R Datasheet
167Kb / 2P
Operating Temperature Range
ENC-03RD-R MURATA-ENC-03RD-R Datasheet
167Kb / 2P
Operating Temperature Range
ENC-03RJ-R MURATA-ENC-03RJ-R Datasheet
168Kb / 2P
Operating Temperature Range
More results

Similar Description - ENC-03J

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
Piezoelectric Resonator
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
Piezoelectric Resonator
logo
Murata Manufacturing Co...
ENC-03R MURATA-ENC-03R Datasheet
83Kb / 4P
Piezoelectric Vibrating Gyroscopes
logo
Magnetrol International...
V1H-D1B0-001 MAGNETROL-V1H-D1B0-001 Datasheet
169Kb / 4P
Solitel짰 Vibrating Rod Level Switch
V1H-D1B0-025 MAGNETROL-V1H-D1B0-025 Datasheet
281Kb / 12P
Solitel Vibrating Rod Level Switch
logo
TDK Electronics
ISZ-2510 TDK-ISZ-2510 Datasheet
983Kb / 47P
MEMS gyroscope
ITG-1010 TDK-ITG-1010 Datasheet
652Kb / 46P
MEMS gyroscope
ITG-3050 TDK-ITG-3050 Datasheet
1Mb / 42P
MEMS gyroscope
ITG-3701 TDK-ITG-3701 Datasheet
3Mb / 34P
MEMS gyroscope
IYZ-2510 TDK-IYZ-2510 Datasheet
649Kb / 46P
MEMS gyroscope
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com