Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC-03J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # ENC-03J
Description  PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

ENC-03J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  ENC-03J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CG01-J Rev. 1
575
SENSORS
PIEZOELECTRIC VIBRATING GYROSCOPE
ENC SERIES
This angular velocity sensor employs the
principle that a Coriolis force results if an
angular velocity is applied to a vibrating
object. Murata’s unique ceramic bimorph
vibrating unit is used as the sensor element
unit, thereby enabling piezoelectric ceramics
to be used for both excitation and detection.
The use of this unit simplifies equipment
structure and circuit configuration, thus
making it possible to provide outstanding
performance.
This sensor can be used for positional control
and posture control of a moving object
requiring high-precision measurements.
FEATURES
I Ultra small and ultra lightweight
I Quick response
I Low driving voltage, low current
consumption
I Reliable feature achieved by a built in
AGC circuit
APPLICATIONS
I Detecting hand movement involved in
video and still camera
I Detecting vibrations in various vibration
free table and isolators
I Detecting the own movement
For more detailed information regarding this product line in North America, contact us. To receive additional information on Murata Products call 1-800-831-9172.
DIMENSIONS: mm
ENC-03J
OLD PART NUMBERING SYSTEM
ENC
–
03
JA
SERIES
MODEL
RESONANCE FREQUENCY
JA – 22kHz
JB – 24kHz
JC – 23kHz
JPN
03JA
841
M
15.44
15.24
1.0
3.81
0.6
8.0
VCC
Vref
Gnd
Out
Characteristics
Symbol
Condition
Min.
Std.
Max.
Unit
Supply voltage
Vcc
+2.7
+3.0
+5.5
VDC
Current consumption
Isup
at Vcc = +3.0V
2.5
3.2
4.5
mA
Comparative voltage
Vref
at –5 ~ +75°C
+1.25
+1.35
+1.45
VDC
Static output (Bias)
V0
angular velocity = 0 at –5 ~ +75°C
Vref –0.55
Vref
Vref + 0.55
VDC
Angular velocity range
max.
+300
deg/s
Scale factor
Sv
–20%
0.67
+20%
mV/deg/s
Temperature coefficient of
Reference: Ta at –5 ~ +75°C
–20
—
+10
%FS
Scale factor
Resonance frequency
– version ENC-03JA
fa
—
22
—
kHz
– version ENC-03JB
fb
—
24
—
kHz
– version ENC-03JC
fc
—
23
—
kHz
Resonance frequency disparity
fa – fb
at –5 ~ +75°C
500
—
—
kHz
Linearity
in the maximum angular velocity range
–5
—
+5
%FS
Response
Phase delay: 90deg
DC p 50
Hz
Operating Temperature Range
Topr
–5
—
+75
°C
Storage Temperature Range
Tstg
–30
—
+85
°C
Weight
—
—
1.0
g
SPECIFICATIONS
All typical values.
Unless otherwise specified, ambient temperature Ta = 25 ± 5°C, Vcc = 3.0VDC. Use a sensor output load resistance of 50kV or more. Comparative voltage (Vref) is grounded with condenser of 4.7mF.
Measurement tolerance = ±0.2 mm
EN
C-03JA -02
PRODUCT ID
TYPE
INDIVIDUAL
PACKAGING
SPECIFICATION CODE
*Global Part Number shows only an example which might be different from actual part number.
*Any other definitions than “Product ID” might have different digit number from actual Global
Part Number.
NEW PART NUMBERING SYSTEM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com