Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD07 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD07
Description  1-Line Ui-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD07 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD07 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD07 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD07 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SD07 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Rev :
www.leiditech.com
2/
4
01.06.2021
SD07
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
7
V
Breakdown Voltage
VBR
8
V
IT = 1mA
Reverse Leakage Current
IR
0.5
µA
VRWM = 7V
Clamping Voltage
VC
10
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
16
V
IPP = 35A (8 x 20µs pulse)
Peak Pulse Current
Ipp
35
A
tp = 8/20μs
Junction Capacitance
CJ
160
pF
VR = 0V, f = 1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com