Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD07 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD07
Description  1-Line Ui-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD07 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD07 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD07 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD07 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SD07 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mechanical Characteristics
●
●
●
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Rev :
www.leiditech.com
01.06.2021
1/
4
●
Features
Applications
Dimensions SOD-323
Pin Configuration
SD07
1-Line Ui-directional TVS Diode
Package: SOD-323
Lead Finish: Matte Tin
Quantity Per Reel:3,000pcs
Reel Size:7 inch
Device Marking: 307
●
560W peak pulse power (8/20μs)
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 7V
Ultra low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
RoHS Compliant
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Peripherals
Pagers Peripherals
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
560
W
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±30
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C


Similar Part No. - SD07

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD0701P4-3 LEIDITECH-SD0701P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
logo
SMC Diode Solutions Co....
SD072SC150A SMCDIODE-SD072SC150A Datasheet
103Kb / 2P
SILICON SCHOTTKY RECTIFIER DIE
logo
Advanced Photonix, Inc.
SD076-11-31-211 ADVANCEDPHOTONIX-SD076-11-31-211 Datasheet
96Kb / 1P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Luna Innovations Incorp...
SD076-11-31-211 LUNA-SD076-11-31-211 Datasheet
189Kb / 2P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Advanced Photonix, Inc.
SD076-14-21-011 ADVANCEDPHOTONIX-SD076-14-21-011 Datasheet
95Kb / 1P
Red Enhanced High Performance Silicon Photodiode
More results

Similar Description - SD07

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0521M1 APMICRO-AU0521M1 Datasheet
859Kb / 6P
1-Line Bi-directional TVS Diode
AU0581P1 APMICRO-AU0581P1 Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU0781D1F APMICRO-AU0781D1F Datasheet
429Kb / 4P
1-Line Bi-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
logo
TECH PUBLIC Electronics...
ESD5621W TECHPUBLIC-ESD5621W Datasheet
1Mb / 4P
1-Line Ui-directional High Power TVS Diode
TPE1281MU TECHPUBLIC-TPE1281MU Datasheet
1Mb / 4P
1-Line Ui-directional High Power TVS Diode
TPTVSHC3D12VU TECHPUBLIC-TPTVSHC3D12VU Datasheet
1Mb / 4P
1-Line Ui-directional High Power TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com