Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3303 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3303 Datasheet HTML 1Page - Diodes Incorporated AP3303 Datasheet HTML 2Page - Diodes Incorporated AP3303 Datasheet HTML 3Page - Diodes Incorporated AP3303 Datasheet HTML 4Page - Diodes Incorporated AP3303 Datasheet HTML 5Page - Diodes Incorporated AP3303 Datasheet HTML 6Page - Diodes Incorporated AP3303 Datasheet HTML 7Page - Diodes Incorporated AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
4 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VHV
HV Pin Input Voltage
700
V
VCC_IN
LDO Supply Voltage
120
V
VCC
Power Supply Voltage
34.5
V
IO
Gate Output Current
350
mA
VFB, VSENSE, VCTRL, VDEM
Input Voltage to FB, SENSE, CTRL, DEM
-0.3 to 7
V
θJA
Thermal Resistance (Junction to Ambient) (Note 5)
177
°C/W
PD
Power Dissipation at TA < +25°C
500
mW
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
+150
°C
ESD
Human Body Model (Except HV Pin and VCC_IN Pin) (Note 6)
3,000
V
Charge Device Model
650
V
Note:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
5. Test condition: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch
2 cooling area.
6. HV devices are ESD sensitive (HBM : VHV = 600V, VCC_IN = 450V).
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
10
28
V
TA
Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com