Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3303 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated AP3303 Datasheet HTML 10Page - Diodes Incorporated AP3303 Datasheet HTML 11Page - Diodes Incorporated AP3303 Datasheet HTML 12Page - Diodes Incorporated AP3303 Datasheet HTML 13Page - Diodes Incorporated AP3303 Datasheet HTML 14Page - Diodes Incorporated AP3303 Datasheet HTML 15Page - Diodes Incorporated AP3303 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
13 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
Operation Description (continued)
Externally Triggered Protection
The AP3303 reserves flexible protection mode for power design. The CTRL pin can achieve external programmable protection. A high threshold of
VTH-CTRL-H is set for any over voltage protection. If the CTRL pin voltage is higher than the threshold for 7 switching cycles, the CTRL-High
protection will be triggered. A low threshold of VTH-CTRL-L is usually used for external over temperature protection. To realize the external OTP, a
proper NTC should be connected from the CTRL pin to the ground. An inner current of 100µA flows through the NTC from the CTRL pin. If the
CTRL pin voltage is lower than the VTH-CTRL-L for 32ms duration at least, the CTRL-Low protection will be triggered. Whenever the protection is
triggered, the system will stop the output drive signal and will restart after the VCC voltage falling below the UVLO voltage.
System Protection
LOVP, FOCP, SSCP, VCC OVP, OTP
The AP3303 provides versatile protection to ensure the reliability of the power system. LOVP achieves line voltage overvoltage protection, if the
detected AC line voltage is higher than VLOVP for 7 switching cycles, the LOVP protection will be triggered. FOCP protection is an ultra-fast short-
current protection which is helpful to avoid catastrophic damage of the system when the secondary rectifier is short. The primary peak current will
be monitored by SENSE pin through a primary sense resistor, whenever the sampled voltage reaches the threshold of VTH-FOCP for 7 switching
cycles continuously, the FOCP protection will be activated to shut down the switching pulse. SSCP might be triggered at ultra-low DC bus voltage
condition or other failure condition that short the SENSE pin to ground. The SSCP module senses the voltage across the primary sense resistor
with a delay of 3µs after the rising edge of primary GATE signal, this sensed signal is compared with VTH-SSCP. If it is lower than VTH-SSCP for 7
switching cycles, the SSCP protection will be triggered and the drive signal will be disabled. All these protections described above will restart the
system when the VCC voltage falls below UVLO. Although the external OTP can be easily implemented through CTRL pin, the AP3303 still
reserves the inner OTP with a hysteresis for any necessary use.
VCC Maintain Mode
During light-load or transient-load condition, VFB will drop and be lower than VBURST, thus the PWM drive signal will be stopped, and there is no
energy for transferring to the output. Therefore, the IC VCC supply voltage may decrease to the UVLO threshold voltage and system may enter the
unexpected restart mode. To avoid this, the AP3303 holds a so-called VCC maintain mode which can supply energy to VCC.
When VCC decreases to a setting threshold as VM, the VCC maintain mode will be awaked and a charging current of ICHARGE-H will flow to the VCC
pin. With VCC maintain mode, the VCC is not easy to touch the shutdown threshold during the startup process and transient load condition. This will
also simplify the system design. The minimum VCC voltage is suggested to be designed a little higher than VCC maintain threshold thus can
achieve the best balance between the power loss and step load performance.
Leading-Edge Blanking Time
A narrow spike on the leading edge of the current waveform can usually be observed when the power MOSFET is turned on. A 250ns leading-
edge blank is built-in to prevent the false-trigger caused by the turn-on spike. During this period, the current limit comparator and the PWM
comparator are disabled and the gate driver cannot be switched off.
At the time of turning-off the MOSFET, a negative undershoot (maybe larger than -0.3V) can occur on the SENSE pin. So it is strongly
recommended to add a small RC filter or at least connect a resistor “R” on this pin to protect the IC (Shown as Figure 7).
SENSE
GATE
Large undershoot (more than
-0.3V) may damage the SENSE pin
R
C
Necessary
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com