Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61100 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP61100
Description  2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61100 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP61100 Datasheet HTML 14Page - Diodes Incorporated AP61100 Datasheet HTML 15Page - Diodes Incorporated AP61100 Datasheet HTML 16Page - Diodes Incorporated AP61100 Datasheet HTML 17Page - Diodes Incorporated AP61100 Datasheet HTML 18Page - Diodes Incorporated AP61100 Datasheet HTML 19Page - Diodes Incorporated AP61100 Datasheet HTML 20Page - Diodes Incorporated AP61100 Datasheet HTML 21Page - Diodes Incorporated AP61100 Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AP61100/AP61102
Document number: DS42004 Rev. 6 - 2
21 of 22
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61100/AP61102
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT563
SOT563
Dim
Min
Max
Typ
A
0.55
0.60
--
b
0.15
0.30
0.20
c
0.10
0.18
0.11
D
1.50
1.70
1.60
E
1.55
1.70
1.60
E1
1.10
1.25
1.20
e
--
--
0.50
e1
0.90
1.10
1.00
L
0.10
0.30
0.20
a
8
°
9
°
7
°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT563
Dimensions
Value (in mm)
C
0.500
C1
1.270
G
0.600
X
0.300
X1
1.300
Y
0.670
Y1
1.940
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.003 grams (Approximate)
b
E1
E
e
e1
D
A
c
L
R.01
a
a
a
a
Y
Y1
C
G
X1
X
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com