Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP62201 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP62201 Datasheet HTML 15Page - Diodes Incorporated AP62201 Datasheet HTML 16Page - Diodes Incorporated AP62201 Datasheet HTML 17Page - Diodes Incorporated AP62201 Datasheet HTML 18Page - Diodes Incorporated AP62201 Datasheet HTML 19Page - Diodes Incorporated AP62201 Datasheet HTML 20Page - Diodes Incorporated AP62201 Datasheet HTML 21Page - Diodes Incorporated AP62201 Datasheet HTML 22Page - Diodes Incorporated AP62201 Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
21 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT563 (Standard)
SOT563 (Standard)
Dim
Min
Max
Typ
A
0.53
0.60
—
b
0.15
0.30
0.20
c
0.10
0.18
0.11
D
1.50
1.70
1.60
E
1.50
1.70
1.60
E1
1.10
1.30
1.20
e
0.50 BSC
L
0.10
0.30
0.20
All Dimensions in mm
TSOT26 (Standard)
TSOT26 (Standard)
Dim
Min
Max
Typ
A
—
1.00
—
A1
0.00
0.10
—
A2
0.75
0.90
0.80
D
2.70
3.10
2.90
E
2.60
3.00
2.80
E1
1.50
1.70
1.60
b
0.30
0.50
0.44
c
0.11
0.20
0.16
e
0.95 BSC
L
0.30
0.50
0.40
L2
0.25 BSC
θ
0°
8°
4°
All Dimensions in mm
b
E1
E
e
A
c
L
O P T IO N A
( T O P V IE W )
O P T IO N B
( T O P V IE W )
O P T IO N A
( S ID E V IE W )
O P T IO N B
( S ID E V IE W )
D
D
E1
E 1 /2
E
E /2
e
A
A2
A1
S e a tin g P la n e
0
L2
L
G a u g e P la n e
c
b
S e a tin g P la n e
O P T IO N A
( T O P V IE W )
O P T IO N B
( T O P V IE W )
O P T IO N A
( S ID E V IE W )
O P T IO N B
( S ID E V IE W )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com