Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP62201 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP62201
Description  4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP62201 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP62201 Datasheet HTML 1Page - Diodes Incorporated AP62201 Datasheet HTML 2Page - Diodes Incorporated AP62201 Datasheet HTML 3Page - Diodes Incorporated AP62201 Datasheet HTML 4Page - Diodes Incorporated AP62201 Datasheet HTML 5Page - Diodes Incorporated AP62201 Datasheet HTML 6Page - Diodes Incorporated AP62201 Datasheet HTML 7Page - Diodes Incorporated AP62201 Datasheet HTML 8Page - Diodes Incorporated AP62201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AP62200/AP62201/AP62200T
Document number: DS41957 Rev. 4 - 2
3 of 23
www.diodes.com
January 2021
© Diodes Incorporated
AP62200/AP62201/AP62200T
Pin Descriptions
Pin
Name
Pin Number
Function
SOT563
(Standard)
TSOT26
(Standard)
VIN
1
3
Power Input. VIN supplies the power to the IC as well as the step-down converter power MOSFETs. Drive VIN
with a 4.2V to 18V power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise due to
the switching of the IC. See Input Capacitor section for more details.
SW
2
2
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC
filter from SW to the output load.
GND
3
1
Power Ground.
BST
4
6
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side N-Channel MOSFET. A 100nF
capacitor is recommended from BST to SW to power the high-side driver.
EN
5
5
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator and
low to turn it off. Leave floating for automatic startup. The EN has a precision threshold of 1.2V for programing
the UVLO. See Enable section for more details.
FB
6
4
Feedback sensing terminal for the output voltage. Connect this pin to the resistive divider of the output. See
Setting the Output Voltage section for more details.
Functional Block Diagram
EN
FB
SW
VIN
VREF
VCC
BST
GND
+
+
-
+
Control
Logic
SE
Thermal
Shutdown
S
VIN
Q
R
Q
SW
On-Time
Compute
One-Shot
Minimum
Off-Time
OCP
UVLO
Internal
Reference
Internal
Soft-Start
VREF
VCC
Regulator
BST
Q1
Q2
ON
1.2V
I1
1.5μA
20kΩ
+
–
I2
5.5μA
Figure 4. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com