Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGP108 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # RGP108
Description  1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

RGP108 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  RGP108 Datasheet HTML 1Page - DIOTEC Electronics Corporation RGP108 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
FEATURES
Data Sheet No. FSPD-100-1B
MECHANICAL SPECIFICATION
1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Average Forward Rectified Current @ T = 75 C,
Lead length = 0.375 in. (9.5 mm)
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Peak Forward Surge Current ( 8.3 mSec single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 1 Amp DC
Typical Thermal Resistance, Junction to Ambient (Note 1)
Operating and Storage Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
T
R
T T
I
V
V
V
SYMBOL
RATINGS
VOLTS
°C/W
°C
AMPS
UNITS
VOLTS
A
V
I
Typical Junction Capacitance (Note 2)
C
pF
@ T = 25 C
@ T = 100 C
Case: JEDEC DO-41, molded epoxy
(U/L Flammability Rating 94V-0)
Terminals: Plated axial leads
Soldering: Per MIL-STD 202E Method 208 guaranteed
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.012 Ounces (0.34 Grams)
H27
MECHANICAL DATA
ACTUAL SIZE OF
DO-41 PACKAGE
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.028
In
mm
0.107
0.205
0.034
5.2
2.7
0.86
0.160
0.103
25.4
0.71
4.1
2.6
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
Maximum Reverse Recovery Time (I =0.5A, I =1A, I
=0.25A)
SERIES RGP100 - RGP110
nS
DO - 41
EXTREMELY LOW LEAKAGE AT HIGH TEMPERATURES
LOW FORWARD VOLTAGE DROP
1A at T = 75 C WITH NO THERMAL RUNAWAY
A
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
RoHS
CO
MPLIANT


Similar Part No. - RGP108

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP10A ZOWIE-RGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
RGP10A FAIRCHILD-RGP10A Datasheet
35Kb / 3P
1.0 Ampere Glass Passivated Fast Recovery Rectifiers
logo
General Semiconductor
RGP10A GE-RGP10A Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
First Components Intern...
RGP10A FCI-RGP10A Datasheet
137Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
More results

Similar Description - RGP108

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP100 DEC-GP100 Datasheet
330Kb / 2P
1 AMP HIGH RELIABILITY SILICON DIODES
RGP300 DEC-RGP300 Datasheet
400Kb / 2P
3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
RP100 DEC-RP100 Datasheet
330Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
UFR100 DEC-UFR100 Datasheet
410Kb / 2P
1 AMP ULTRAFAST RECOVERY DIODES
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSDP-103-1B DEC-FSDP-103-1B Datasheet
333Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
SESA-101-1B DEC-SESA-101-1B Datasheet
413Kb / 1P
1 AMP ULTRAFAST RECOVERY DIODES
FSDP-101-1B DEC-FSDP-101-1B Datasheet
386Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com