Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFC461ES Datasheet(PDF) 2 Page - International Rectifier

Part # AFC461ES
Description  ADVANCED ANALOG EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFC461ES Datasheet(HTML) 2 Page - International Rectifier

  AFC461ES Datasheet HTML 1Page - International Rectifier AFC461ES Datasheet HTML 2Page - International Rectifier AFC461ES Datasheet HTML 3Page - International Rectifier AFC461ES Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.irf.com
AFC461 Series
Specifications
Available Screening Levels and Process Variations for AFC461 Series
* Per Commercial Standards
Parameter
Condition
Min
Typ
Max
Unit
Input Voltage
Steady State
0
28
40
VDC
Input Current
DC
Ripple
4.0
1.0
Amps
Amps RMS
Input Clamping Voltage
-55°C
+25°C
+125°C
38.9
42.3
44.9
43.2
47.0
49.9
47.5
51.7
54.8
VDC
VDC
VDC
Output Voltage
1
Steady State
V
OUT = VIN - IIN (RDC)
VDC
Output Current
Steady State
4.0
Amps
DC Resistance (R
DC)
Steady State
0.07
0.10
0.15
Ohms
Power Dissipation
Max. DC Current
1.6
Watts
Noise Reduction
100 KHz to 50 MHz
40
dB
Capacitance
Any pin to case
4200
pF
Isolation
Any pin to case 500VDC
100
M
Ω
Operating Temperature
Storage Temperature
Case
Case
-55
-65
+125
+150
°C
°C
Weight
39
grams
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature Range
-20 to +85°C
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-PRF-38534
Internal Visual
2017
¬
Yes
Yes
Yes
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant Acceleration
2001
500g
Cond A
Cond A
Burn-in
1015
48hrs @ 85
° C
96hrs @ 125°C
160hrs @ 125°C
160hrs @ 125°C
Final Electrical
(Group A)
MIL-PRF-38534
25°C
25°C
-55, +25, +125°C
-55, +25,
+125°C
Seal, Fine & Gross
1014
¬
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
¬
Yes
Yes
Yes
1. Typical Applications result in Vout within 2 % of Vin
48hrs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com