Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFC461ES Datasheet(PDF) 1 Page - International Rectifier

Part # AFC461ES
Description  ADVANCED ANALOG EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFC461ES Datasheet(HTML) 1 Page - International Rectifier

  AFC461ES Datasheet HTML 1Page - International Rectifier AFC461ES Datasheet HTML 2Page - International Rectifier AFC461ES Datasheet HTML 3Page - International Rectifier AFC461ES Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11/21/02
www.irf.com
1
ADVANCED ANALOG
EMI FILTER
AFC461 SERIES
Description
n 4.0 amp Input Current - max.
n 40 dB Noise Reduction min. @100 KHz
n -55°C to +125°C Operation
n Military Screening
n Compatible with ATW, AHE, ATO, ATR and
AHF Series DC/DC Converters
Features
AFC
Typical Application
AFC461
EMI Filter
AHE28XX
(or Other)
DC/DC Converter
+Vin
+Vin
Input Return
Input Return
+Vout
+Vout
Output Return
Output Return
R
L
R
L
System
Bus
AHE28XX
(or Other)
DC/DC Converter
+Vout
Output Return
+Vin
Input Return
Case
Case
Case
To other converters up
to rated output current
SLV
MSTR
The AFC461 EMI filter will reduce the input line reflected
ripple current of the AHV, ATO, ATW, ATR, and AHF line
of DC/DC converters to levels below the CEO3 limits of
MIL-STD-461.
These EMI filters are manufactured in a facility certified
to MIL-PRF-38534. All purposes used to manufacture
these filters have been qualified to enable Advanced
Analog to deliver compliant devices. Three standards
temperature grades are offered with screening options.
Refer to Part Number section. The CH grade filters are
fully compliant to MIL-PRF-38534 for class H. The HB
grade converters are processed to MIL-PRF-38534
screening but do not have class H element evaluation
as required by MIL-PRF-38534. Two grades are fully
tested and operate over the full military temperature
range without derating of output power. A commercial
grade is also available.
n No Derating for -55°C to +125°C Operation
n No Tantalum Capacitors for High Reliability
PD - 94585A


Similar Part No. - AFC461ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFC461 IRF-AFC461 Datasheet
109Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
AFC461 IRF-AFC461_15 Datasheet
109Kb / 5P
EMI FILTER HYBRID - HIGH RELIABILITY
More results

Similar Description - AFC461ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARF461 IRF-ARF461 Datasheet
43Kb / 4P
ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AFV461 IRF-AFV461 Datasheet
34Kb / 4P
ADVANCED ANALOG EMI FILTER
AME50461 IRF-AME50461 Datasheet
52Kb / 5P
ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
ASF461 IRF-ASF461 Datasheet
29Kb / 4P
ADVANCED ANALOG EMI FILTER
logo
Qualtek Electronics Cor...
851-03004 QUALTEK-851-03004 Datasheet
254Kb / 1P
EMI FILTER
851-05005 QUALTEK-851-05005 Datasheet
239Kb / 1P
EMI FILTER
851-10007 QUALTEK-851-10007 Datasheet
238Kb / 1P
EMI FILTER
858-06011 QUALTEK-858-06011 Datasheet
263Kb / 1P
EMI FILTER
logo
International Rectifier
ASF461 IRF-ASF461_15 Datasheet
33Kb / 4P
ADVANCED ANALOG EMI FILTER
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
Advanced Analog Chip Design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com