Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STELPD01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STELPD01
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STELPD01 Datasheet HTML 10Page - STMicroelectronics STELPD01 Datasheet HTML 11Page - STMicroelectronics STELPD01 Datasheet HTML 12Page - STMicroelectronics STELPD01 Datasheet HTML 13Page - STMicroelectronics STELPD01 Datasheet HTML 14Page - STMicroelectronics STELPD01 Datasheet HTML 15Page - STMicroelectronics STELPD01 Datasheet HTML 16Page - STMicroelectronics STELPD01 Datasheet HTML 17Page - STMicroelectronics STELPD01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Figure 13. Bias current vs. temperature (OFF Mode)
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
V_IN=5V
V_IN=9V
V_IN=12V
V_IN=15V
Figure 14. RDS_ON vs. temperature
20
25
30
35
40
45
50
55
60
65
70
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
V_IN = 5 V
V_IN = 9 V
V_IN = 12 V
V_IN = 15 V
IOUT = 500 mA
Figure 15. ILIM vs. temperature
2.00
2.20
2.40
2.60
2.80
3.00
3.20
3.40
3.60
3.80
4.00
4.20
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
V_IN = 5 V
V_IN = 9 V
V_IN = 12 V
V_IN = 15 V
R
LIM = 51 Ω
Figure 16. Clamping voltage vs. temperature
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN = 20 V
Figure 17. UVLO vs. temperature
2.40
2.60
2.80
3.00
3.20
3.40
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN = 0 V to 5 V
Figure 18. UVLO Hysteresis vs. temperature
0.05
0.10
0.15
0.20
0.25
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
STELPD01
Typical characteristics
DS13254 - Rev 1
page 14/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com