Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL117N4LF7AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL117N4LF7AG
Description  Automotive-grade N-channel 40 V, 2.5 m typ., 119 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL117N4LF7AG Datasheet(HTML) 1 Page - STMicroelectronics

  STL117N4LF7AG Datasheet HTML 1Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 2Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 3Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 4Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 5Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 6Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 7Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 8Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
2
3
4
PowerFLAT™ 5x6
AM15540v2
5
6
7
8
1
2
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
VDS
RDS(on) max.
ID
STL117N4LF7AG
40 V
3.5 mΩ
119 A
•
AEC-Q101 qualified
•
Among the lowest RDS(on) on the market
•
Excellent FoM (figure of merit)
•
Low Crss/Ciss ratio for EMI immunity
•
High avalanche ruggedness
•
Wettable flank package
Applications
•
Switching applications
Description
This N-channel Power MOSFET utilizes STripFET™ F7 technology with an
enhanced trench gate structure that results in very low on-state resistance, while also
reducing internal capacitance and gate charge for faster and more efficient switching.
Maturity status link
STL117N4LF7AG
Device summary
Order code
STL117N4LF7AG
Marking
117N4LF7
Package
PowerFLAT™ 5x6
Packing
Tape and reel
Automotive-grade N-channel 40 V, 2.5 mΩ typ., 119 A STripFET™ F7
Power MOSFET in a PowerFLAT™ 5x6 package
STL117N4LF7AG
Datasheet
DS11591 - Rev 6 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL117N4LF7AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL110N10F7 STMICROELECTRONICS-STL110N10F7 Datasheet
1Mb / 15P
High avalanche ruggedness
20-Aug-2014
STL110N4F7AG STMICROELECTRONICS-STL110N4F7AG Datasheet
937Kb / 14P
Automotive-grade N-channel 40 V, 3.3 mΩ typ., 108 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
03-Oct-2017
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
High avalanche ruggedness
10-Apr-2015
STL115N10F7AG STMICROELECTRONICS-STL115N10F7AG Datasheet
945Kb / 15P
Automotive-grade N-channel 100 V, 5 m typ., 107 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
15-Dec-2016
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
23-May-2013
More results

Similar Description - STL117N4LF7AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STL225N6F7AG STMICROELECTRONICS-STL225N6F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 60 V, 1.2 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
17-Mar-2017
STL38DN6F7AG STMICROELECTRONICS-STL38DN6F7AG Datasheet
707Kb / 15P
Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
21-Mar-2018
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL52DN4LF7AG STMICROELECTRONICS-STL52DN4LF7AG Datasheet
1,018Kb / 16P
Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
18-Dec-2017
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com