Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL117N4LF7AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STL117N4LF7AG
Description  Automotive-grade N-channel 40 V, 2.5 m typ., 119 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL117N4LF7AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STL117N4LF7AG Datasheet HTML 9Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 10Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 11Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 12Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 13Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 14Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 15Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 16Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
4.2
PowerFLAT 5x6 WF packing information
Figure 21. PowerFLAT™ 5x6 WF tape (dimensions are in mm)
1.50 0.0
+
0.1
Do
4.0 0.1(II)
Po
1.75 0.1
E1
1.50 MIN
D1
2.0
0.05(I)
P2
Y
Y
R0.30
MAX
0.30 0.05
T
SECTION Y-Y
Measured from centreline of sprocket hole
to centreline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centreline of sprocket
hole to centreline of pocket.
(I)
(II)
(III)
Base and bulk qua ntity 3000 pcs
P1(8.00±0.1)
Ao(6.70±0.1)
Ko (1.20±0.1)
8234350_TapeWF_rev_C
Figure 22. PowerFLAT™ 5x6 package orientation in carrier tape
Pin 1
identification
STL117N4LF7AG
PowerFLAT™ 5x6 WF packing information
DS11591 - Rev 6
page 13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com