Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMD21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SAMD21
Description  Seeeduino XIAO ‐ Arduino Microcontroller ‐ SAMD21 Cortex M0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SAMD21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SAMD21 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAMD21 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAMD21 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAMD21 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAMD21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Description
Take a look at Seeeduino XIAO. What a small size and cute looking! It is the smallest
member of the Seeeduino family. Seeeduino XIAO still carries the powerful CPU-ARM®
Cortex®-M0+(SAMD21G18) which is a low-power Arduino microcontroller. On the other
hand, this little board has good performance in processing but needs less power. As a
matter of fact, it is designed in a tiny size and can be used for Arduino wearable devices and
small projects.
Apart from the strong CPU, Seeeduino XIAO is excellent in many other functions. It has 14
GPIO PINs, which can be used for 11 analog PINs, 11 digital PINs, 1 I2C interface, 1 UART
interface, and 1 SPI interface. Some PINs have various functions, A1/D1 to A10/D10 Pins
have PWM functions and Pin A0/D0 has a function of DAC which means you can get
true analog signals not PWM signals when you define it as an analog pin, that’s why 14
GPIO PINs can realize more I/O PINs and interfaces. Moreover, Seeeduino XIAO supports
the USB Type-C interface which can supply power and download code. There are power
pads at the back of the XIAO which support battery and make it designed for wearable
devices to become realistic. Except for the power LED, we add a user LED on board for your
better coding experience. Usually a Dev. Board as small as this size will use the chip’s inner
crystal oscillator for time fixing, in order to make the clock more accurate, Seeeduino XIAO
layouts an extra 32.768KHz to make the clock more stable.
Seeeduino XIAO is perfectly compatible with Arduino IDE, you can easily develop some
small projects with the help of the large and comprehensive Arduino library. So get one and
you will soon love it!
Attention
All the I/O pins are 3.3V, please do not input more than 3.3V, otherwise, the CPU may be damaged.
This is the Wiki of the Seeeduino XIAO, you can view the basic settings of running the
board.
Specification
CPU: ARM Cortex-M0+ CPU(SAMD21G18) running at up to 48MHz
Storage: 256KB Flash,32KB SRAM
I/O PINs: 14 GPIO PINs,11 analog PINs, 11 digital PINs, 1 DAC output Pin
Interface: 1 I2C interface,1 UART interface, 1 SPI interface
Power supply and downloading interface: USB Type-C interface
LEDs: 1 user LED, 1 power LED, two LEDs for serial port downloading
Reset button: two reset button short connect to reset
Power Pads: For the battery power supply
Software compatibility: Compatible with Arduino IDE
Projection cover for protecting the circuit
Dimensions: 23.5x17.5x3.5 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com