Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMD21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SAMD21
Description  Seeeduino XIAO ‐ Arduino Microcontroller ‐ SAMD21 Cortex M0
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SAMD21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SAMD21 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAMD21 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAMD21 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAMD21 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAMD21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
 
Seeeduino XIAO ‐ Arduino Microcontroller ‐ SAMD21 Cortex
M0+
SKU 102010328
Seeeduino XIAO is the smallest Arduino compatible board in Seeeduino Family. It is an Arduino
microcontroller that is embedded with the SAMD21 microchip. The interfaces of Seeeduino XIAO is rich
enough in such a tiny Dev. Board as well.
Key Features
Powerful CPU: ARM® Cortex®-M0+ 32bit 48MHz microcontroller(SAMD21G18) with 256KB
Flash,32KB SRAM
Flexible compatibility: Compatible with Arduino IDE
Easy project operation: Breadboard-friendly
Small size: As small as a thumb(23.5x17.5mm) for wearable devices and small projects.
Multiple development interfaces: 11 digital/analog pins, 10 PWM Pins, 1 DAC output, 1 SWD
Bonding pad interface, 1 I2C interface, 1 UART interface, 1 SPI interface.


Similar Part No. - SAMD21

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAMD21 ATMEL-SAMD21 Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
logo
Microchip Technology
SAMD21E MICROCHIP-SAMD21E Datasheet
3Mb / 59P
32-bit ARM-Based Microcontrollers
2017
SAMD21E15A-AFT MICROCHIP-SAMD21E15A-AFT Datasheet
3Mb / 59P
32-bit ARM-Based Microcontrollers
2017
SAMD21E15A-AUT MICROCHIP-SAMD21E15A-AUT Datasheet
3Mb / 59P
32-bit ARM-Based Microcontrollers
2017
SAMD21E15A-CFT MICROCHIP-SAMD21E15A-CFT Datasheet
3Mb / 59P
32-bit ARM-Based Microcontrollers
2017
More results

Similar Description - SAMD21

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
NXP Semiconductors
PN746X NXP-PN746X Datasheet
716Kb / 86P
NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Princeton Technology Co...
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
ARM 짰 Cortex??M0 Microcontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
ARM 짰 Cortex??M0 Microcontroller
PT32U301 PTC-PT32U301 Datasheet
494Kb / 9P
ARM 짰 Cortex??M0 Microcontroller
logo
NXP Semiconductors
PN736X NXP-PN736X Datasheet
746Kb / 80P
NFC Cortex-M0 microcontroller
Rev. 3.3 - 7 September 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com