Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC166 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC166
Description  8-Bit Parallel In/Serial Out Shift Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC166 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC166 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC166 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC166 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC166 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC166 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC166 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5770
August 1989
MM54HC166MM74HC166
8-Bit Parallel InSerial Out Shift Registers
General Description
The MM54HC166MM74HC166 high speed 8-BIT PARAL-
LEL-INSERIAL-OUT SHIFT REGISTER utilizes advanced
silicon-gate CMOS technology It has low power consump-
tion and high noise immunity of standard CMOS integrated
circuits along with the ability to drive 10 LS-TTL loads
These Parallel-In or Serial-In Serial-Out shift registers fea-
ture gated CLOCK inputs and an overriding CLEAR input
The load mode is established by the SHIFTLOAD input
When high this input enables the SERIAL INPUT and cou-
ples the eight flip-flops for serial shifting with each clock
pulse When low the PARALLEL INPUTS are enabled and
synchronous loading occurs on the next clock pulse During
parallel loading serial data flow is inhibited Clocking is ac-
complished on the low-to-high level edge of the CLOCK
pulse through a 2-input NOR gate permitting one input to
be used as a clock enable or CLOCK INHIBIT function
Holding either of the clock inputs high inhibits clocking
holding either low enables the other clock input This allows
the system clock to be free running and the register can be
stopped on command with the other clock input The
CLOCK INHIBIT input should be changed to the high level
only while the clock input is high A direct CLEAR input over-
rides all other inputs including the CLOCK and sets all flip-
flops to zero
The 54HC74HC logic family is functionally as well as pin
out compatible with the standard 54LS74LS logic family
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and Ground
Features
Y
Typical propagation delay
Y
Wide operating supply voltage range 2V – 6V
Y
Low input current k1 mA
Y
Low quiescent supply current 80 mA maximum
(74HC Series)
Y
Fanout of 10 LS-TTL loads
Connection Diagram
Dual-In-Line Package
TLF5770 – 1
Order Number MM54HC166 or MM74HC166
Function Table
Inputs
Internal
Output
Clear
Shift
Clock
Clock Serial
Parallel
Outputs
QH
Load Inhibit
AH
QA QB
LX
X
X
X
X
L
L
L
HX
L
L
X
X
QA0 QB0 QH0
HL
L
u
X
ah
a
b
h
HH
L
u
HX
H QAn QGn
HH
L
u
LX
L QAn QGn
HX
H
u
XX
QA0 QB0 QH0
H e High Level (steady state) L e Low Level (steady state)
X e Don’t Care (any input including transitions)
u e Transition from low to high level
a
h e The level of steady-state input at inputs A through H respectively
QA0 QB0 QH0 e The level of QA QB QH respectively before the indicated
steady-state input conditions were established
QAn QGn e The level of QA QG respectively before the most recent
u
transition of the clock
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC166

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC161 NSC-MM54HC161 Datasheet
148Kb / 6P
Synchronous Decade Counter with Asynchronous Clear
MM54HC162 NSC-MM54HC162 Datasheet
148Kb / 6P
Synchronous Decade Counter with Asynchronous Clear
MM54HC163 NSC-MM54HC163 Datasheet
148Kb / 6P
Synchronous Decade Counter with Asynchronous Clear
More results

Similar Description - MM54HC166

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS164 NSC-54LS164 Datasheet
142Kb / 6P
8-Bit Serial In/Parallel Out Shift Registers
logo
Fairchild Semiconductor
DM74164 FAIRCHILD-DM74164 Datasheet
48Kb / 4P
8-Bit Serial In/Parallel Out Shift Registers
logo
Hitachi Semiconductor
HD74LS164 HITACHI-HD74LS164 Datasheet
76Kb / 6P
8-Bit Parallel-Out Serial-In Shift Registers
logo
Intersil Corporation
CD54AC164 INTERSIL-CD54AC164 Datasheet
9Kb / 1P
8-Bit Serial-In/Parallel-Out Shift Registers
June 1997
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com